Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
12
2.5.11
Serial peripheral interface module (SPI)
The PXR40 includes four serial peripheral interface (SPI) blocks that provide a synchronous serial
interface for communication to external devices. The SPI features the following:
•
Supports pin count reduction through serialization and deserialization of eTPU and eMIOS
channels and memory-mapped registers
•
Channels and register content are transmitted using a SPI protocol
— The protocol is completely configurable for baud rate, polarity, phase, frame length, chip select
assertion, etc.
— Each bit in the frame may be configured to serialize either eTPU channels, eMIOS channels or
GPIO signals
•
Can be configured to serialize data to an external device that is compatible with the Microsecond
Bus protocol
•
SPI pins support 5 V logic levels or low voltage differential signalling (LVDS) to improve
high-speed operation on data and clock signals
The SPIs have multiple configurations:
•
Serial peripheral interface (SPI) configuration where the SPI operates as an up-to-16-bit SPI with
support for queues
•
Deserial serial interface (DSI) configuration where the SPI serializes as many as 32 bits from
eTPU, eMIOS, or GPIO output channels and deserializes the received data by placing it on the
eTPU, eMIOS, or GPIO input channels
•
Combined serial interface (CSI) configuration where the SPI operates in both SPI and DSI
configurations interleaving DSI frames with SPI frames, giving priority to SPI frames
•
Enhanced deserial serial interface (DSI) configuration where SPI serializes as many as 32 bits with
three possible sources per bit
— eTPU, eMIOS, new virtual GPIO registers as possible bit source
— Programmable inter-frame gap in continuous mode
— Bit source selection allows microsecond bus downlink with command or data frames as large
as 32 bits
— Microsecond bus dual receiver mode
For queued operations, the SPI queues reside in system memory external to the SPI. Data transfers between
the memory and the SPI FIFOs are accomplished through the use of the eDMA2 controller or through host
software.
2.5.12
Serial communication interface module (UART)
The PXR40 includes three serial communications interface (UART) modules. Each UART allows
asynchronous serial communications with peripheral devices and other MCUs. It includes special support
to interface to local interconnect network (LIN) slave devices.
The serial communication interface module offers the following:
•
UART features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com