Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
14
— Zero to eight bytes data length
— Programmable bit rate as fast as 1 Mb/sec
— Content-related addressing
•
Each MB configurable as receive (Rx) or transmit (Tx), all supporting standard and extended
messages
•
Individual Rx mask registers per message buffer
•
Includes 1056 bytes of RAM used for message buffer storage
•
Includes 256 bytes of RAM used for individual Rx mask registers
•
Full featured Rx FIFO with storage capacity for six frames and internal pointer handling
•
Powerful Rx FIFO ID filtering, capable of matching incoming IDs against either eight extended,
16 standard, or 32 partial (8 bits) IDs, with individual masking capability
•
Selectable backwards compatibility with previous CAN version
•
Programmable clock source to the CAN protocol interface, either bus clock or crystal oscillator
•
Unused message buffer and Rx mask register space can be used as general-purpose RAM space
•
Listen-only mode capability
•
Programmable loop-back mode supporting self-test operation
•
Programmable transmission priority scheme: lowest ID, lowest buffer number or local priority on
individual Tx message buffers.
•
Hardware cancellation on Tx message buffers.
•
Time stamp based on 16-bit free-running timer
•
Global network time, synchronized by a specific message
•
Maskable interrupts
•
Independent of the transmission medium (an external transceiver is assumed)
•
Short latency time due to an arbitration scheme for high-priority messages
•
Low-power modes, with programmable wake-up on bus activity
2.5.14
Enhanced direct memory access controller (eDMA2)
The following summarizes the PXR40’s implementation of the eDMA2 controller:
•
Second-generation modules capable of performing complex data movements via 64 programmable
channels (eDMA2-A) and 32 programmable channels (eDMA2-B), without intervention from the
host processor
•
DMA engine
— Performs source and destination address calculations
— Performs data movement operations
•
Includes SRAM-based memory containing the transfer control descriptors (TCD) for the channels.
•
All data movement via dual-address transfers: read from source, write to destination
•
Programmable source and destination addresses, transfer size, plus support for enhanced
addressing modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com