Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
16
2.5.16
Power management unit (PMU)
The PXR40’s power management unit includes the following features:
•
Internally the chip has four supply voltages, nominally 5 V, 3.3 V, 1.2 V and VSTBY
•
Externally 5 V is required with the 3.3 V being supplied by an internal regulator running off the
5 V supply
— Can also supply 3.3 V externally
•
On-chip regulator controller supplies the 1.2 V via external components
•
Option to externally supply VSTBY when the application requires standby RAM
•
All supply voltages have voltage monitors and both the VDD regulator and all monitors except
VSTBY are adjustable
•
The chip uses a protected POR strategy, that is, the chip is guaranteed to run at the voltage point
that RESET is released
2.5.17
Interrupt controller (INTC)
The PXR40 implements an interrupt controller that features the following:
•
Priority-based preemptive scheduling of interrupt service requests (ISRs), suitable for statically
scheduled hard real-time systems
•
448 software-configurable interrupt sources
— Can be used to break the work involved in servicing an interrupt request into a high priority
portion and a low priority portion:
High priority portion is initiated by a peripheral interrupt request, but then the ISR asserts a
software-configurable interrupt request to finish the servicing in a lower priority ISR.
Therefore these software-configurable interrupt requests can be used instead of the peripheral
ISR scheduling a task through the RTOS.
•
16 priority levels so that lower priority ISRs do not delay the execution of higher priority ISRs
•
Software-configurable priorities of ISR or tasks
— Modifying the priority can be used to implement the priority ceiling protocol for accessing
shared resources
•
For high priority interrupt requests, minimized time from the assertion of the interrupt request from
the peripheral to when the processor is executing the interrupt service routine (ISR)
•
A unique vector for each interrupt request source for quick determination of which ISR needs to
be executed
•
Support for a critical or non maskable interrupt
— Non-maskable interrupt (NMI) multiplexed on WKPCFG pin to allow connection to the
critical or non maskable input of the CPU core, bypassing the interrupt controller and all
multiplexing and selection logic (provides an interrupt request to the core that is higher priority
than any other interrupting source in the device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com