Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
•
Multiple-mapping support and mapping-based block access timing (0–31 additional cycles)
allowing use for emulation of other memory types
•
Software programmable block program/erase restriction control
•
ECC with single-bit correction, double-bit detection
•
Minimum program size is two consecutive 32-bit words, aligned on a 0-modulo-8 byte address
(due to ECC)
•
Embedded hardware program and erase algorithm
•
Erase suspend, program suspend and erase-suspended program
•
Shadow information stored in non-volatile shadow block
•
Independent program/erase of the shadow block
2.5.3
General-purpose static RAM (SRAM)
The PXR40 SRAM module provides an internal general-purpose 256 KB memory block. The SRAM
controller includes these features:
•
Supports read/write accesses mapped to the SRAM memory from any master
•
32 KB block powered by separate supply for standby operation (contents retained)
•
Byte, halfword, word, and doubleword addressable
•
ECC performs single-bit correction, double-bit detection on 64-bit data elements
•
ECC single-bit error corrections are optionally visible to software
2.5.4
Error correction status module (ECSM)
The error correction status module (ECSM) provides the following:
•
Status information regarding platform memory errors reported by error detection code (EDC) and
error correcting code (ECC) hardware
— Single-bit correction reporting for SRAM and flash memory
— Multi-bit error reporting
•
Includes facilities to allow CPU software to test the error ECC and EDC operation for on-chip
memories by supporting injection of arbitrary error patterns
2.5.5
Enhanced modular input output system (Timer—eMIOS)
The eMIOS module provides the functionality to generate or measure time events. A unified channel (UC)
module is employed that provides a superset of the functionality of all of the MIOS channels used on
MPC5500 family devices, while providing a consistent user interface. This allows more flexibility as each
unified channel can be programmed for different functions in different applications. To identify as many
as two timed events, each UC contains two comparators, a time base selector and registers. This structure
is able to produce match-events, which can be configured to measure or generate a waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com