Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
20
•
Individual message buffer reconfiguration supported
— Means provided to safely disable individual message buffers
— Disabled message buffers can be reconfigured
•
Two independent receive FIFOs
— One receive FIFO per channel
— As many as 255 entries for each FIFO
— Global frame ID filtering, based on both value/mask filters and range filters
— Global channel ID filtering
— Global message ID filtering for the dynamic segment
•
Four configurable slot error counters
•
Four dedicated slot status indicators
— Used to observe slots without using receive message buffers
•
Measured value indicators for the clock synchronization
— Internal synchronization frame ID and synchronization frame measurement tables can be
copied into the FlexRay memory
•
Fractional macroticks are supported for clock correction
•
Maskable interrupt sources provided via individual and combined interrupt lines
•
One absolute timer
•
One timer that can be configured as absolute or relative
•
Nexus data trace support
2.5.22
JTAG controller (JTAGC)
The JTAG controller (JTAGC) block provides the means to test chip functionality and connectivity while
remaining transparent to system logic when not in test mode. Testing is performed via a boundary scan
technique, as defined in the IEEE 1149.1-2001 standard. All data input to and output from the JTAGC
block is communicated in serial format. The JTAGC block is compliant with the IEEE 1149.1-2001 and
IEEE 1149.7 standards, and supports the following features:
•
IEEE 1149.1-2001 Test Access Port (TAP) interface five pins (JCOMP, TDI, TMS, TCK, and
TDO)
•
IEEE 1149.7 Serial JTAG Test Access Port interface three pins (JCOMP, TMS, TCK)
•
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
— BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
•
A 5-bit instruction register that supports the additional following public instructions:
— ACCESS_AUX_TAP_NPC, ACCESS_AUX_TAP_ONCE, ACCESS_AUX_TAP_eTPU,
ACCESS_AUX_TAP_DMAAN3, ACCESS_AUX_TAP_DMABN3,
ACCESS_AUX_TAP_FLEXRAY
•
Three test data registers: a bypass register, a boundary scan register, and a device identification
register. The size of the boundary scan register is parameterized to support a variety of boundary
scan chain lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com