Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
•
Supports censorship protection for internal flash memory
•
Provides an option to enable the software watchdog timer
2.5.21
Dual-channel FlexRay controller
The PXR40 contains one dual-channel FlexRay controller. The controller fully implements the FlexRay
Protocol Specification Version 2.1 Rev A. The FlexRay protocol is designed to facilitate implementation
of fault tolerant, time-triggered, and highly dependable control systems by offering a fault tolerant clock
synchronization mechanism. The FlexRay protocol maintains the global time across the functional nodes
of a network with a precision (jitter) of maximum 1 µs at a data rate of 10 Mbit/sec and redundant
communication channels.
The FlexRay controller provides the following features:
•
FlexRay Communications System Protocol Specification, Version 2.1 Rev A compliant protocol
implementation
•
FlexRay Communications System Electrical Physical Layer Specification, Version 2.1 Rev A
compliant bus driver interface
•
Single channel support
— FlexRay Port A can be configured to be connected either to physical FlexRay channel A or
physical FlexRay channel B.
•
FlexRay bus data rates of 10 Mbit/sec, 8 Mbit/sec, 5 Mbit/sec, and 2.5 Mbit/sec supported
•
128 configurable message buffers with
— Individual frame ID filtering
— Individual channel ID filtering
— Individual cycle counter filtering
•
Message buffer header, status and payload data stored in dedicated FlexRay memory
— Allows for flexible and efficient message buffer implementation
— Consistent data access ensured by means of buffer locking scheme
— Application can lock multiple buffers at the same time
•
Size of message buffer payload data section configurable from 0 to 254 bytes
•
Two independent message buffer segments with configurable size of payload data section
— Each segment can contain message buffers assigned to the static segment and message buffers
assigned to the dynamic segment at the same time
•
Zero padding for transmit message buffers in static segment
— Applied when the frame payload length exceeds the size of the message buffer data section
•
Transmit message buffers configurable with state/event semantics
•
Message buffers can be configured as
— Receive message buffer
— Single-buffered transmit message buffer
— Double-buffered transmit message buffer (combines two single buffered message buffer)
1. Feature available only on revision 2 release of device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com