Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
2.5.18
Frequency-modulated PLL (FMPLL)
The FMPLL allows the user to generate high speed system clocks using a 4 MHz to 40 MHz crystal
oscillator or external clock generator. Further, the FMPLL supports programmable frequency modulation
of the system clock to reduce electromagnetic emissions peaks. The PLL multiplication factor and output
clock divider ratio are all software configurable. The PLL has the following major features:
•
Input clock frequency selectable in two ranges:
— From 4 MHz to 20 MHz
— From 8 MHz to 40 MHz (when PLLCFG2 pulled high)
•
Voltage controlled oscillator (VCO) range from 192 MHz to 680 MHz
•
Reduced frequency divider (RFD) for reduced frequency operation without requiring PLL relock
•
Three modes of operation:
— Bypass mode with PLL off
— Bypass mode with PLL running (default mode out of reset)
— PLL normal mode
•
Each of the three modes may be run with a crystal oscillator or an external clock reference
•
Programmable frequency modulation 1
— Modulation enabled/disabled through software
— Triangle wave modulation
— Programmable modulation depth
— Programmable modulation frequency dependent on reference frequency
•
Lock detect circuitry reports when the PLL has achieved frequency lock and continuously monitors
lock status to report loss of lock conditions
•
Clock quality module
— Optionally causes an interrupt request or system reset if the crystal clock frequency falls
outside a predefined range
— Optionally causes a system reset, or switches the system clock to the crystal clock and causes
an interrupt request, if the PLL output clock frequency falls outside a predefined range
•
Programmable interrupt request or system reset on loss of lock
•
Self-clocked mode (SCM) operation allows continued operation after failure of crystal clock
•
Configuration registers defined as an upwardly compatible superset of MPC5500 FMPLL registers
2.5.19
System Integration Unit (SIU)
The SIU provides the following features:
•
System configuration
— MCU reset configuration via external pins
— Pad configuration control for each pad
1. You must configure the FMPLL to ensure that the maximum specified system frequency is not exceeded when frequency
modulation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com