Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
18
— Control of virtual I/O via SPI serialization
•
System reset monitoring and generation
— Power-on reset support
— Reset status register provides last reset source to software
— Glitch detection on reset input
— Software controlled reset assertion
•
External interrupt
— Sixteen interrupt requests
— Rising or falling edge event detection
— Programmable digital filter for glitch rejection
— Critical interrupt request
— Non maskable interrupt request
•GPIO
— Virtual GPIO via SPI serialization (requires external deserialization device)
— Dedicated input and output registers for setting each GPIO and virtual-GPIO pin
— Parallel GPIO enables access to as many as eight GPIOs in one write
•
Internal multiplexing
— Allows serial and parallel chaining of SPIs
— Allows flexible selection of eQADC trigger inputs
— Allows selection of interrupt requests between external pins and SPI
2.5.20
Boot assist module (BAM)
The BAM is a block of read-only memory containing code that is executed every time the MCU is
powered-on or reset in normal mode. The BAM supports multiple boot modes:
•
Booting from internal flash memory
•
Serial boot loading (a program is downloaded into on-chip general-purpose SRAM via UART or
the CAN and then executed)
The BAM also reads the reset configuration half word (RCHW) from flash memory (which may be
external to the device) and configures the PXR40 hardware accordingly. The BAM provides the following
features:
•
Sets up MMU to cover all resources and mapping all physical addresses to logical addresses with
minimum address translation
•
Sets up the MMU to allow application boot code to execute as either Classic Power Architecture
Book E code (default) or as Freescale VLE code
•
Location and detection of application boot code
•
Automatic switch to serial boot mode if internal flash memory is blank or invalid
•
Supports software-programmable 64-bit password protection for serial boot mode
•
Autobaud function in SCI and CAN download mode1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com