Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PXR40PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
4
2.2
PXR40 block diagram
Figure 1 shows a top-level block diagram of the PXR40 microcontrollers.
Figure 1. PXR40 block diagram
Crossbar Switch (XBAR)
Memory Protection Unit (MPU)
Data and Instruction System
PBRIDGE A
PXR40 Block Diagram
System
Integration
Interrupt
Controller
Osc/PLL
SPE2
Debug
Nexus
JTAG
IEEE
ISTO
5001™-2003
2 x eDMA
64- and
32-ch
e200z7
Superscalar
CPU
PBRIDGE B
256 KB
SRAM
w/ECC
(32 KB S/B)
4MB
Flash
w/ECC
Main Memory System
SIU
Timed I/O System
Boot Assist
Module
(BAM)
6K
Data
24K
Code
RAM
eMIOS
32-ch
eTPU2
32-ch
eTPU2
32-ch
4 x
CAN
3 x
UART/
4 x
SPI
4 x
Dec
Fil
64-ch
QUAD
ADCi
Communications
FlexRay™
Controller
ADC
– Analog-to-digital converter
ADCi
– ADC interface
AIPS
– Peripheral I/O bridge
AMux
– Analog multiplexer
CAN
– Controller area network
DECFIL– Decimation filter
EBI
– External bus interface
ECSM – Error correction status module
eDMA2 – Enhanced direct memory access
eMIOS – Enhanced modular I/O system
eQADC – Enhanced queued A/D converter module
eTPU2 – Enhanced time processing unit 2
MMU
– Memory management unit
MPU
– Memory protection unit
PBRIDGE – Peripheral I/O bridge
S/B
– Stand-by
SIU
– System integration unit
SPE2
– Signal processing engine 2
SPI
– Serial peripheral interface controller
SRAM
– General-purpose static RAM
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
VLE
– Variable length instruction encoding
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com