Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 7 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 3Page - ATMEL Corporation SAM3X Datasheet HTML 4Page - ATMEL Corporation SAM3X Datasheet HTML 5Page - ATMEL Corporation SAM3X Datasheet HTML 6Page - ATMEL Corporation SAM3X Datasheet HTML 7Page - ATMEL Corporation SAM3X Datasheet HTML 8Page - ATMEL Corporation SAM3X Datasheet HTML 9Page - ATMEL Corporation SAM3X Datasheet HTML 10Page - ATMEL Corporation SAM3X Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
9
11057BS–ATARM–13-Jul-12
SAM3X/A
9
11057BS–ATARM–13-Jul-12
SAM3X/A
3.
Signal Description
Table 3-1 gives details on the signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments
Power Supplies
VDDIO
Peripherals I/O Lines Power Supply
Power
1.62V to 3.6V
VDDUTMI
USB UTMI+ Interface Power Supply
Power
3.0V to 3.6V
VDDOUT
Voltage Regulator Output
Power
VDDIN
Voltage Regulator, ADC and DAC Power
Supply
Power
GNDUTMI
USB UTMI+ Interface Ground
Ground
VDDBU
Backup I/O Lines Power Supply
Power
1.62V to 3.6V
GNDBU
Backup Ground
Ground
VDDPLL
PLL A, UPLL and Oscillator Power Supply
Power
1.62 V to 1.95V
GNDPLL
PLL A, UPLL and Oscillator Ground
Ground
VDDANA
ADC and DAC Analog Power Supply
Power
2.0V to 3.6V
GNDANA
ADC and DAC Analog Ground
Ground
VDDCORE
Core Chip Power Supply
Power
1.62V to 1.95V
GND
Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
VDDPLL
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
VDDBU
XOUT32
Slow Clock Oscillator Output
Output
VBG
Bias Voltage Reference
Analog
PCK0 - PCK2
Programmable Clock Output
Output
Shutdown, Wakeup Logic
SHDN
Shut-Down Control
Output
VDDBU
0: The device is in
backup mode
1: The device is
running (not in
backup mode)
FWUP
Force Wake-up Input
Input
VDDBU
Needs external Pull-
up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com