Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 62 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 58Page - ATMEL Corporation SAM3X Datasheet HTML 59Page - ATMEL Corporation SAM3X Datasheet HTML 60Page - ATMEL Corporation SAM3X Datasheet HTML 61Page - ATMEL Corporation SAM3X Datasheet HTML 62Page - ATMEL Corporation SAM3X Datasheet HTML 63Page - ATMEL Corporation SAM3X Datasheet HTML 64Page - ATMEL Corporation SAM3X Datasheet HTML 65Page - ATMEL Corporation SAM3X Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
64
11057BS–ATARM–13-Jul-12
SAM3X/A
64
11057BS–ATARM–13-Jul-12
SAM3X/A
• Automatic Window Comparison of Converted Values
• Write Protect Registers
12.11 Digital-to-Analog Converter (DAC)
• 2 channels, 12-bit DAC
• Up to 1 mega-sample conversion rate in single channel mode
• Flexible conversion range
• Multiple trigger sources for each channel
• Built-in offset and gain calibration
• Possibility to drive output to ground
• Possibility to use as input to analog comparator or ADC (as an internal wire and without S/H
stage)
• Two PDCA channels
• Power reduction mode
12.12 CAN Controller (CAN)
• Fully Compliant with CAN 2.0 Part A and 2.0 Part B
• Bit Rates up to 1Mbit/s
• 8 Object Oriented Mailboxes with the Following Properties:
– CAN Specification 2.0 Part A or 2.0 Part B Programmable for Each Message
– Object Configurable in Receive (with Overwrite or Not) or Transmit Modes
– Independent 29-bit Identifier and Mask Defined for Each Mailbox
– 32-bit Access to Data Registers for Each Mailbox Data Object
– Uses a CAN_SIZE_COUNTER-bit Timestamp on Receive and Transmit Messages
– Hardware Concatenation of ID Masked Bitfields To Speed Up Family ID Processing
• 16-bit Internal Timer for Timestamping and Network Synchronization
• Programmable Reception Buffer Length up to 8 Mailbox Objects
• Priority Management between Transmission Mailboxes
• Autobaud and Listening Mode
• Low Power Mode and Programmable Wake-up on Bus Activity or by the Application
• Data, Remote, Error and Overload Frame Handling
12.13 Ethernet MAC (EMAC)
• DMA Master on Receive and Transmit Channels
• Compatible with IEEE Standard 802.3
• 10 and 100 Mbit/s operation
• Full- and half-duplex operation
• Statistics Counter Registers
• MII (144-pin SAM3X)/RMII (all SAM3X) interface to the physical layer
• Interrupt generation to signal receive and transmit completion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com