Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 27 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 23Page - ATMEL Corporation SAM3X Datasheet HTML 24Page - ATMEL Corporation SAM3X Datasheet HTML 25Page - ATMEL Corporation SAM3X Datasheet HTML 26Page - ATMEL Corporation SAM3X Datasheet HTML 27Page - ATMEL Corporation SAM3X Datasheet HTML 28Page - ATMEL Corporation SAM3X Datasheet HTML 29Page - ATMEL Corporation SAM3X Datasheet HTML 30Page - ATMEL Corporation SAM3X Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
29
11057BS–ATARM–13-Jul-12
SAM3X/A
29
11057BS–ATARM–13-Jul-12
SAM3X/A
6.
Input/Output Lines
The SAM3X/A has different kinds of input/output (I/O) lines, such as general purpose I/Os
(GPIO) and system I/Os. GPIOs can have alternate functions thanks to multiplexing capabilities
of the PIO controllers. The same PIO line can be used whether in IO mode or by the multiplexed
peripheral. System I/Os include pins such as test pins, oscillators, erase or analog inputs.
With a few exceptions, the I/Os have input schmitt triggers. Refer to the footnotes associated
with PIOA to PIOF on page 14, at the end of Table 3-1, “Signal Description List”.
6.1
General Purpose I/O Lines (GPIO)
GPIO Lines are managed by PIO Controllers. All I/Os have several input or output modes such
as pull-up, input schmitt triggers, multi-drive (open-drain), glitch filters, debouncing or input
change interrupt. Programming of these modes is performed independently for each I/O line
through the PIO controller user interface. For more details, refer to the “PIO Controller” section
of the product datasheet.
The input output buffers of the PIO lines are supplied through VDDIO power supply rail.
The SAM3X/A embeds high speed pads able to handle up to 65 MHz for HSMCI and SPI clock
lines and 45 MHz on other lines. See product AC Characteristics for more details. Typical pull-up
value is 100 k
Ω for all I/Os.
Each I/O line also embeds an ODT (On-Die Termination), (see Figure 6-1 below). ODT consists
of an internal series resistor termination scheme for impedance matching between the driver
output (SAM3) and the PCB track impedance preventing signal reflection. The series resistor
helps to reduce IOs switching current (di/dt) thereby reducing in turn, EMI. It also decreases
overshoot and undershoot (ringing) due to inductance of interconnect between devices or
between boards. In conclusion, ODT helps reducing signal integrity issues.
Figure 6-1.
On-Die Termination
6.2
System I/O Lines
System I/O lines are pins used by oscillators, test mode, reset, flash erase and JTAG to name
but a few. Described below are the SAM3X/A system I/O lines shared with PIO lines.
These pins are software configurable as general purpose I/O or system pins. At startup, the
default function of these pins is always used.
PCB Trace
Z0 ~ 50 Ohms
Receiver
SAM3 Driver with
Rodt
Zout ~ 10 Ohms
Z0 ~ Zout + Rodt
ODT
36 Ohms Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com