Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 32 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 28Page - ATMEL Corporation SAM3X Datasheet HTML 29Page - ATMEL Corporation SAM3X Datasheet HTML 30Page - ATMEL Corporation SAM3X Datasheet HTML 31Page - ATMEL Corporation SAM3X Datasheet HTML 32Page - ATMEL Corporation SAM3X Datasheet HTML 33Page - ATMEL Corporation SAM3X Datasheet HTML 34Page - ATMEL Corporation SAM3X Datasheet HTML 35Page - ATMEL Corporation SAM3X Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
34
11057BS–ATARM–13-Jul-12
SAM3X/A
34
11057BS–ATARM–13-Jul-12
SAM3X/A
7.6
DMA Controller
• Acting as one Matrix Master
• Embeds 4 (SAM3A and 100-pin SAM3X) or 6 (144-pin SAM3X) channels
• Linked List support with Status Write Back operation at End of Transfer
• Word, HalfWord, Byte transfer support.
• Handles high speed transfer of SPI0-1, USART0-1, SSC and HSMCI (peripheral to memory,
memory to peripheral)
• Memory to memory transfer
• Can be triggered by PWM and T/C which enables to generates waveform though the
External Bus Interface
The DMA controller can handle the transfer between peripherals and memory and so receives
the triggers from the peripherals below. The hardware interface numbers are also given in Table
7-5.
Table 7-4.
DMA Channels
DMA Channel Size
SAM3A
100-pin SAM3X
144-pin SAM3X
8 bytes FIFO for Channel Buffering
3
(Channels 0, 1 and 2)
4
(Channels 0, 1, 2 and 4)
32 bytes FIFO for Channel Buffering
1
(Channel 3)
2
(Channels 3 and 5)
Table 7-5.
DMA Controller
Instance Name
Channel T/R
DMA Channel HW
Interface Number
HSMCI
Transmit/Receive
0
SPI0
Transmit
1
SPI0
Receive
2
SSC
Transmit
3
SSC
Receive
4
SPI1
Transmit
5
SPI1
Receive
6
TWI0
Transmit
7
TWI0
Receive
8
--
-
--
-
USART0
Transmit
11
USART0
Receive
12
USART1
Transmit
13
USART1
Receive
14
PWM
Transmit
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com