Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 53 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 49Page - ATMEL Corporation SAM3X Datasheet HTML 50Page - ATMEL Corporation SAM3X Datasheet HTML 51Page - ATMEL Corporation SAM3X Datasheet HTML 52Page - ATMEL Corporation SAM3X Datasheet HTML 53Page - ATMEL Corporation SAM3X Datasheet HTML 54Page - ATMEL Corporation SAM3X Datasheet HTML 55Page - ATMEL Corporation SAM3X Datasheet HTML 56Page - ATMEL Corporation SAM3X Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
55
11057BS–ATARM–13-Jul-12
SAM3X/A
55
11057BS–ATARM–13-Jul-12
SAM3X/A
11.2.3
PIO Controller C Multiplexing
Table 11-4.
Multiplexing on PIO Controller C (PIOC)
I/O Line
Peripheral A
Peripheral B
Extra Function
Comments
PC0
ERASE
PC1
144 pins
PC2
D0
PWML0
144 pins
PC3
D1
PWMH0
144 pins
PC4
D2
PWML1
144 pins
PC5
D3
PWMH1
144 pins
PC6
D4
PWML2
144 pins
PC7
D5
PWMH2
144 pins
PC8
D6
PWML3
144 pins
PC9
D7
PWMH3
144 pins
PC10
D8
ECRS
144 pins
PC11
D9
ERX2
144 pins
PC12
D10
ERX3
144 pins
PC13
D11
ECOL
144 pins
PC14
D12
ERXCK
144 pins
PC15
D13
ETX2
144 pins
PC16
D14
ETX3
144 pins
PC17
D15
ETXER
144 pins
PC18
NWR0/NWE
PWMH6
144 pins
PC19
NANDOE
PWMH5
144 pins
PC20
NANDWE
PWMH4
144 pins
PC21
A0/NBS0
PWML4
144 pins
PC22
A1
PWML5
144 pins
PC23
A2
PWML6
144 pins
PC24
A3
PWML7
144 pins
PC25
A4
TIOA6
144 pins
PC26
A5
TIOB6
144 pins
PC27
A6
TCLK6
144 pins
PC28
A7
TIOA7
144 pins
PC29
A8
TIOB7
144 pins
PC30
A9
TCLK7
144 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com