Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 5 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 5 Page - ATMEL Corporation

  SAM3X Datasheet HTML 1Page - ATMEL Corporation SAM3X Datasheet HTML 2Page - ATMEL Corporation SAM3X Datasheet HTML 3Page - ATMEL Corporation SAM3X Datasheet HTML 4Page - ATMEL Corporation SAM3X Datasheet HTML 5Page - ATMEL Corporation SAM3X Datasheet HTML 6Page - ATMEL Corporation SAM3X Datasheet HTML 7Page - ATMEL Corporation SAM3X Datasheet HTML 8Page - ATMEL Corporation SAM3X Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
7
11057BS–ATARM–13-Jul-12
SAM3X/A
7
11057BS–ATARM–13-Jul-12
SAM3X/A
Figure 2-2.
SAM3X4/8C (100 pins) Block Diagram
4-Channel
DMA
PLLA
TST
PCK0-PCK2
System Controller
VDDBU
FWUP
XIN
NRST
PMC
UPLL
XOUT
WDT
RTT
OSC 32K
XIN32
XOUT32
SUPC
RSTC
8
GPBREG
PIOB
POR
PIOC
RTC
RC 32k
VDDCORE
VDDUTMI
SM
RC
12/8/4 M
ERASE
I/D
S
USART1
SPI0
Timer Counter A
TC[0..2]
ADC
PDC
TIOA[0:2]
TIOB[0:2]
TCLK[0:2]
RXD1
TXD1
SCK1
RTS1
CTS1
USART0
RXD0
TXD0
SCK0
RTS0
CTS0
USART2
PDC
RXD2
TXD2
SCK2
RTS2
CTS2
UART
URXD
UTXD
TWI0
TWCK0
TWD0
PWM
PDC
SSC
TF
TK
TD
RD
RK
RF
DAC
PDC
TRNG
CAN0
CANRX0
CANTX0
CAN1
CANRX1
CANTX1
HSMCI
Temp.
Sensor
Cortex-M3 Processor
Fmax 84MHz
In-circuit Emulator
MPU
N
V
I
C
24-Bit
SysTick Counter
Low Power
Peripheral
Bridge
Peripheral
DMA
Controller
6-layer AHB Bus Matrix Fmax 84MHz
DMA
DMA
DMA
DMA
DMA
DMA
DMA
High Performance
Peripherals
Bridge
Timer Counter B
TC[3..5]
Timer Counter C
TC[6..8]
TWI1
TWCK1
TWD1
USBOTG
Device
HS
FIFO
DFSDM
DFSDP
DHSDM
DHSDP
UOTGVBOF
UOTGID
VBUS
OSC
12M
ROM
16 KBytes
FLASH
2x256 KBytes
2x128 KBytes
2x64 KBytes
SRAM1
32 KBytes
32 KBytes
16 KBytes
64 KBytes
32 KBytes
16 KBytes
SRAM0
Voltage
Regulator
JTAG & Serial Wire
ADVREF
ADTRG
AD[0..14]
DAC0
DAC1
DATRG
SPI0_NPCS3
MISO0
MOSI0
SPCK0
SPI0_NPCS2
SPI0_NPCS1
SPI0_NPCS0
PDC
PDC
PDC
PDC
PDC
PIOA
DMA
Ethernet
MAC
RMII
FIFO
128-Byte TX
ETXEN
EMDC
EMDIO
ETX0-ETX1
ERX0-ERX1
EREFCK
ERXER
ECRSDV
PWMH[0:3]
PWML[0:3]
PWMFI[0:1]
MCDA[0..3]
MCCDA
MCCK
DMA
DMA
128-Byte RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com