Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 20 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 16Page - ATMEL Corporation SAM3X Datasheet HTML 17Page - ATMEL Corporation SAM3X Datasheet HTML 18Page - ATMEL Corporation SAM3X Datasheet HTML 19Page - ATMEL Corporation SAM3X Datasheet HTML 20Page - ATMEL Corporation SAM3X Datasheet HTML 21Page - ATMEL Corporation SAM3X Datasheet HTML 22Page - ATMEL Corporation SAM3X Datasheet HTML 23Page - ATMEL Corporation SAM3X Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
22
11057BS–ATARM–13-Jul-12
SAM3X/A
22
11057BS–ATARM–13-Jul-12
SAM3X/A
5.3
Typical Powering Schematics
The SAM3X/A series supports a 1.62V-3.6V single supply mode. The internal regulator input
connected to the source and its output feeds VDDCORE. Figure 5-1 shows the power
schematics.
Figure 5-1.
Single Supply
Note:
Restrictions
For USB, VDDUTMI needs to be greater than 3.0V.
For ADC, VDDANA needs to be greater than 2.0V.
For DAC, VDDANA needs to be greater than 2.4V.
VDDIN
Voltage
Regulator
VDDOUT
Main Supply (1.8V-3.6V)
VDDCORE
VDDBU
VDDUTMI
VDDIO
VDDANA
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com