Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 63 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 59Page - ATMEL Corporation SAM3X Datasheet HTML 60Page - ATMEL Corporation SAM3X Datasheet HTML 61Page - ATMEL Corporation SAM3X Datasheet HTML 62Page - ATMEL Corporation SAM3X Datasheet HTML 63Page - ATMEL Corporation SAM3X Datasheet HTML 64Page - ATMEL Corporation SAM3X Datasheet HTML 65Page - ATMEL Corporation SAM3X Datasheet HTML 66Page - ATMEL Corporation SAM3X Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
65
11057BS–ATARM–13-Jul-12
SAM3X/A
65
11057BS–ATARM–13-Jul-12
SAM3X/A
• 128-byte transmit FIFO and 128-byte receive FIFO
• Automatic pad and CRC generation on transmitted frames
• Automatic discard of frames received with errors
• Address checking logic supports up to four specific 48-bit addresses
• Support Promiscuous Mode where all valid received frames are copied to memory
• Hash matching of unicast and multicast destination addresses
• Physical layer management through MDIO interface
• Half-duplex flow control by forcing collisions on incoming frames
• Full-duplex flow control with recognition of incoming pause frames
• Support for 802.1Q VLAN tagging with recognition of incoming VLAN and priority tagged
•Frames
• Multiple buffers per receive and transmit frame
• Jumbo frames up to 10,240 bytes supported
12.14 True Random Number Generator (TRNG)
• Passed NIST Special Publication 800-22 Tests Suite
• Passed Diehard Random Tests Suite
• Provides a 32-bit Random Number Every 84 Clock Cycles
12.15 External Bus Interface (EBI)
• Only present on 144-pin version of SAM3X
• Managing SMC, Nand Flash accesses offering:
– Up to 8 Configurable chip select
– Programmable timing on a per chip select basis
– 16-Mbyte Address Space per Chip Select
– 8- or 16-bit Data Bus
– Word, Halfword, Byte Transfers
– Byte Write or Byte Select Lines
– Programmable Setup, Pulse and Hold Time for Read Signals per Chip Select
– Programmable Setup, Pulse and Hold Time for Write Signals per Chip Select
– Programmable Data Float Time per Chip Select
– External Wait Request
– Automatic Switch to Slow Clock Mode
– Asynchronous Read in Page Mode Supported: Page Size Ranges from 4 to
32 Bytes
– NAND Flash Controller supporting NAND Flash with Multiplexed Data/Address
buses
– Supports SLC NAND Flash technology
– Supports Hardware Error Correcting Code (ECC), 1-bit error correction, 2-bit error
detection
– Detection and Correction by Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com