Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 19 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 15Page - ATMEL Corporation SAM3X Datasheet HTML 16Page - ATMEL Corporation SAM3X Datasheet HTML 17Page - ATMEL Corporation SAM3X Datasheet HTML 18Page - ATMEL Corporation SAM3X Datasheet HTML 19Page - ATMEL Corporation SAM3X Datasheet HTML 20Page - ATMEL Corporation SAM3X Datasheet HTML 21Page - ATMEL Corporation SAM3X Datasheet HTML 22Page - ATMEL Corporation SAM3X Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
21
11057BS–ATARM–13-Jul-12
SAM3X/A
21
11057BS–ATARM–13-Jul-12
SAM3X/A
5.
Power Considerations
5.1
Power Supplies
The SAM3X/A series product has several types of power supply pins:
• VDDCORE pins: Power the core, the embedded memories and the peripherals; voltage
ranges from 1.62V to 1.95V.
• VDDIO pins: Power the Peripherals I/O lines; voltage ranges from 1.62V to 3.6V.
• VDDIN pin: Powers the Voltage regulator
• VDDOUT pin: It is the output of the voltage regulator.
• VDDBU pin: Powers the Slow Clock oscillator and a part of the System Controller; voltage
ranges from 1.62V to 3.6V. VDDBU must be supplied before or at the same time than VDDIO
and VDDCORE.
• VDDPLL pin: Powers the PLL A, UPLL and 3-20 MHz Oscillator; voltage ranges from 1.62V
to 1.95V.
• VDDUTMI pin: Powers the UTMI+ interface; voltage ranges from 3.0V to 3.6V, 3.3V nominal.
• VDDANA pin: Powers the ADC and DAC cells; voltage ranges from 2.0V to 3.6V.
Ground pins GND are common to VDDCORE and VDDIO pins power supplies.
Separated ground pins are provided for VDDBU, VDDPLL, VDDUTMI and VDDANA. These
ground pins are respectively GNDBU, GNDPLL, GNDUTMI and GNDANA.
5.2
Voltage Regulator
The SAM3X/A series embeds a voltage regulator that is managed by the Supply Controller.
This internal regulator is intended to supply the internal core of SAM3X/A series but can be used
to supply other parts in the application. It features two different operating modes:
• In Normal mode, the voltage regulator consumes less than 700 µA static current and draws
150 mA of output current. Internal adaptive biasing adjusts the regulator quiescent current
depending on the required load current. In Wait Mode or when the output current is low,
quiescent current is only 7µA.
• In Shutdown mode, the voltage regulator consumes less than 1 µA while its output is driven
internally to GND. The default output voltage is 1.80V and the start-up time to reach Normal
mode is inferior to 400 µs.
For adequate input and output power supply decoupling/bypassing, refer to “Voltage Regulator”
in the “Electrical Characteristics” section of the product datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com