Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 61 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 57Page - ATMEL Corporation SAM3X Datasheet HTML 58Page - ATMEL Corporation SAM3X Datasheet HTML 59Page - ATMEL Corporation SAM3X Datasheet HTML 60Page - ATMEL Corporation SAM3X Datasheet HTML 61Page - ATMEL Corporation SAM3X Datasheet HTML 62Page - ATMEL Corporation SAM3X Datasheet HTML 63Page - ATMEL Corporation SAM3X Datasheet HTML 64Page - ATMEL Corporation SAM3X Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
63
11057BS–ATARM–13-Jul-12
SAM3X/A
63
11057BS–ATARM–13-Jul-12
SAM3X/A
– Each Slot for either a High Speed MultiMediaCard Bus (Up to 30 Cards) or an SD
Memory Card
• Support for Stream, Block and Multi-block Data Read and Write
• Supports Connection to DMA Controller (DMAC)
– Minimizes Processor Intervention for Large Buffer Transfers
• Built in FIFO (from 16 to 256 bytes) with Large Memory Aperture Supporting Incremental
Access
• Support for CE-ATA Completion Signal Disable Command
• Protection Against Unexpected Modification On-the-Fly of the Configuration Registers
12.9
USB On-The-Go High Speed Port (UOTGHS)
• USB2.0 Compliant, Low/Full/High-Speed (LS/FS/HS) and On-The-Go, 1.5Mb/s, 12Mb/s,
480Mb/s
• 10 Pipes/Endpoints
• 4K bytes of Embedded Dual-Port RAM (DPRAM) for Pipes/Endpoints
• Up to 2 Memory Banks per Pipe/Endpoint (Not for Control Pipe/Endpoint)
• Flexible Pipe/Endpoint Configuration and Management with 6 Dedicated DMA Channels
• On-Chip UTMI transceiver including Pull-ups/Pull-downs
• On-Chip OTG pad including VBUS analog comparator
12.10 Analog-to-Digital Converter (ADC)
• 12-bit Resolution
• 1 MHz Conversion Rate
• 2.4 V to 3.6 V Wide Range Power Supply Operation
• Selectable Single Ended or Differential Input Voltage
• Programmable Gain and Offset per channel For Maximum Full Scale Input Range 0 - VDD
• Integrated Multiplexer Offering Up to 16 Independent Analog Inputs
• Individual Enable and Disable of Each Channel
• Hardware or Software Trigger
– External Trigger Pin
– Timer Counter Outputs (Corresponding TIOA Trigger)
– Internal Trigger Counter
– PWM Event Line
• Drive of PWM Fault Input
• PDC Support
• Possibility of ADC Timings Configuration
• Two Sleep Modes and Conversion Sequencer
– Automatic Wakeup on Trigger and Back to Sleep Mode after Conversions of all
Enabled Channels
– Possibility of Customized Channel Sequence
• Standby Mode for Fast Wakeup Time Response
– Power Down Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com