Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 3 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 3 Page - ATMEL Corporation

  SAM3X Datasheet HTML 1Page - ATMEL Corporation SAM3X Datasheet HTML 2Page - ATMEL Corporation SAM3X Datasheet HTML 3Page - ATMEL Corporation SAM3X Datasheet HTML 4Page - ATMEL Corporation SAM3X Datasheet HTML 5Page - ATMEL Corporation SAM3X Datasheet HTML 6Page - ATMEL Corporation SAM3X Datasheet HTML 7Page - ATMEL Corporation SAM3X Datasheet HTML 8Page - ATMEL Corporation SAM3X Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
5
11057BS–ATARM–13-Jul-12
SAM3X/A
5
11057BS–ATARM–13-Jul-12
SAM3X/A
1.1
Configuration Summary
The SAM3X/A series devices differ in memory sizes, package and features list. Table 1-1 below
summarizes the configurations.
Notes:
1. 4 Kbytes RAM buffer of the NAND Flash Controller (NFC) which can be used by the core if not
used by the NFC
2. One channel is reserved for internal temperature sensor
3. 2 / 8 + 4 = Number of SPI Controllers / Number of Chip Selects + Number of USART with SPI
Mode
4. 9 TC channels are accessible through PIO
5. 6 TC channels are accessible through PIO
6. 3 TC channels are accessible through PIO
7. USART3 in UART mode (RXD3 and TXD3 available)
Table 1-1.
Configuration Summary
Feature
SAM3X8E
SAM3X8C
SAM3X4E
SAM3X4C
SAM3A8C
SAM3A4C
Flash
2 x 256 Kbytes
2 x 256 Kbytes
2 x 128 Kbytes
2 x 128 Kbytes
2 x 256 Kbytes
2 x 128 Kbytes
SRAM
64 + 32 Kbytes
64 + 32 Kbytes
32 + 32 Kbytes
32 + 32 Kbytes
64 + 32 Kbytes
32 + 32
Kbytes
Nand Flash
Controller
(NFC)
Yes
-
Yes
-
-
-
NFC SRAM
(1)
4K bytes
-
4K bytes
-
-
-
Package
LQFP144
LFBGA144
LQFP100
LFBGA100
LQFP144
LFBGA144
LQFP100
LFBGA100
LQFP100
LFBGA100
LQFP100
LFBGA100
Number of
PIOs
103
63
103
63
63
63
SHDN
Pin
Yes
No
Yes
No
No
No
EMAC
MII/RMII
RMII
MII/RMII
RMII
-
-
External
Bus
Interface
16-bit data,
8 chip selects,
23-bit address
-
16-bit data,
8 chip selects,
23-bit address
--
-
Central DMA
64
6
4
4
4
12-bit ADC
16 ch.
(2)
16 ch.
(2)
16 ch.
(2)
16 ch.
(2)
16 ch.
(2)
16 ch.
(2)
12-bit DAC
2 ch.
2 ch.
2 ch.
2 ch.
2 ch.
2 ch.
32-bit Timer
9
(5)
9
(6)
9
(5)
9
(6)
9
(5)
9
(5)
PDC
Channels
17
15
17
15
15
15
USART/
UART
3/2
(7)
3/1
3/2
(7)
3/1
3/1
3/1
SPI
(3)
1/4 + 3
1/4 + 3
1/4 + 3
1/4 + 3
1/4 + 3
1/4 + 3
HSMCI
1 slot
8 bits
1 slot
4 bits
1 slot
8 bits
1 slot
4 bits
1 slot
4 bits
1 slot
4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com