Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 2 Page - ATMEL Corporation

  SAM3X Datasheet HTML 1Page - ATMEL Corporation SAM3X Datasheet HTML 2Page - ATMEL Corporation SAM3X Datasheet HTML 3Page - ATMEL Corporation SAM3X Datasheet HTML 4Page - ATMEL Corporation SAM3X Datasheet HTML 5Page - ATMEL Corporation SAM3X Datasheet HTML 6Page - ATMEL Corporation SAM3X Datasheet HTML 7Page - ATMEL Corporation SAM3X Datasheet HTML 8Page - ATMEL Corporation SAM3X Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
4
11057BS–ATARM–13-Jul-12
SAM3X/A
4
11057BS–ATARM–13-Jul-12
SAM3X/A
1.
SAM3X/A Description
Atmel’s SAM3X/A series is a member of a family of Flash microcontrollers based on the high
performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of
84 MHz and features up to 512 Kbytes of Flash and up to 100 Kbytes of SRAM. The peripheral
set includes a High Speed USB Host and Device port with embedded transceiver, an Ethernet
MAC, 2x CANs, a High Speed MCI for SDIO/SD/MMC, an External Bus Interface with NAND
Flash controller, 5x UARTs, 2x TWIs, 4x SPIs, as well as 1 PWM timer, 9x general-purpose 32-
bit timers, an RTC, a 12-bit ADC and a 12-bit DAC.
The SAM3X/A series is ready for capacitive touch thanks to the QTouch library, offering an easy
way to implement buttons, wheels and sliders.
The SAM3X/A architecture is specifically designed to sustain high speed data transfers. It
includes a multi-layer bus matrix as well as multiple SRAM banks, PDC and DMA channels that
enable it to run tasks in parallel and maximize data throughput.
It operates from 1.62V to 3.6V and is available in 100- and 144-pin QFP and LFBGA packages.
The SAM3X/A devices are particularly well suited for networking applications: industrial and
home/building automation, gateways.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com