Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 59 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 55Page - ATMEL Corporation SAM3X Datasheet HTML 56Page - ATMEL Corporation SAM3X Datasheet HTML 57Page - ATMEL Corporation SAM3X Datasheet HTML 58Page - ATMEL Corporation SAM3X Datasheet HTML 59Page - ATMEL Corporation SAM3X Datasheet HTML 60Page - ATMEL Corporation SAM3X Datasheet HTML 61Page - ATMEL Corporation SAM3X Datasheet HTML 62Page - ATMEL Corporation SAM3X Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
61
11057BS–ATARM–13-Jul-12
SAM3X/A
61
11057BS–ATARM–13-Jul-12
SAM3X/A
– Generation of the Wakeup signal
• Test Modes
– Remote Loopback, Local Loopback, Automatic Echo
• Interfaced with Peripheral DMA (PDC) Channels to Reduce Processor Overhead (All
USARTs) and with the DMA Controller (DMAC) (USART0 and 1)
12.5
Serial Synchronous Controller (SSC)
• Provides serial synchronous communication links used in audio and telecom applications
(with CODECs in Master or Slave Modes, I
2S, TDM Buses, Magnetic Card Reader,...)
• Contains an independent receiver and transmitter and a common clock divider
• Offers a configurable frame sync and data length
• Receiver and transmitter can be programmed to start automatically or on detection of
different event on the frame sync signal
• Receiver and transmitter include a data signal, a clock signal and a frame synchronization
signal
• Interfaced with the DMA Controller (DMAC) to Reduce Processor Overhead
12.6
Timer Counter (TC)
• Three 32-bit Timer Counter Channels
• Wide range of functions including:
– Frequency Measurement
– Event Counting
– Interval Measurement
– Pulse Generation
–Delay Timing
– Pulse Width Modulation
– Up/down Capabilities
• Each channel is user-configurable and can contain:
– Three external clock inputs
– Five internal clock inputs
– Two multi-purpose input/output signals
• Two global registers that act on all three TC Channels
• Quadrature decoder
– Advanced line filtering
– Position / revolution / speed
• 2-bit Gray Up/Down Counter for Stepper Motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com