Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 4 Page - ATMEL Corporation

  SAM3X Datasheet HTML 1Page - ATMEL Corporation SAM3X Datasheet HTML 2Page - ATMEL Corporation SAM3X Datasheet HTML 3Page - ATMEL Corporation SAM3X Datasheet HTML 4Page - ATMEL Corporation SAM3X Datasheet HTML 5Page - ATMEL Corporation SAM3X Datasheet HTML 6Page - ATMEL Corporation SAM3X Datasheet HTML 7Page - ATMEL Corporation SAM3X Datasheet HTML 8Page - ATMEL Corporation SAM3X Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
6
11057BS–ATARM–13-Jul-12
SAM3X/A
6
11057BS–ATARM–13-Jul-12
SAM3X/A
2.
SAM3X/A Block Diagram
Figure 2-1.
SAM3A4/8C (100 pins) Block Diagram
PLLA
TST
PCK0-PCK2
System Controller
FWUP
XIN
XOUT
NRST
PMC
UPLL
WDT
RTT
XIN32
XOUT32
SUPC
8
GPBREG
OSC
PIOA
PIOB
PIOC
VDDUTMI
VDDCORE
VDDBU
SM
I/D
S
Voltage
Regulator
SPI0
SSC
ADC
SPI0_NPCS0
SPI0_NPCS1
SPI0_NPCS2
SPI0_NPCS3
MISO0
MOSI0
SPCK0
USART2
USART1
USART0
UART
TWI1
TWI0
PWM
Timer Counter C
Timer Counter B
Timer Counter A
TF
TK
TD
RD
RK
RF
PDC
DAC
PDC
PDC
DMA
CANRX0
CANTX0
CANRX1
CANTX1
CAN1
CAN0
HSMCI
SRAM1
32 KBytes
32 KBytes
16 KBytes
ROM
16 KBytes
SRAM0
64 KBytes
32 KBytes
16 KBytes
Flash
2x256 KBytes
2x128 KBytes
2x64 KBytes
Temp.
Sensor
In-Circuit Emulator
MPU
N
V
I
C
24-Bit
SysTic Counter
6-layer AHB Bus Matrix Fmax 84MHz
DMA DMA
DMA DMA
DMA DMA
TC[6..8]
TC[3..5]
TC[0..2]
JTAG & Serial Wire
ERASE
DFSDM
DFSDP
DHSDM
DHSDP
UOTGVBOF
UOTGID
VBUS
DATRG
ADVREF
ADTRG
AD[0..14]
DAC0
DAC1
Cortex-M3 Processor
Fmax 84 MHz
RC
12/8/4 M
OSC 32K
RC 32K
RTC
RSTC
POR
Low Power
Peripheral
Bridge
Peripheral
DMA
Controller
USBOTG
Device
HS
DMA FIFO
High Performance
Peripheral
Bridge
PDC
PDC
PDC
PDC
PDC
PDC
PDC
DMA
DMA
DMA
DMA
TRNG
CTS2
RTS2
SCK2
TXD2
RXD2
CTS1
RTS1
SCK1
TXD1
RXD1
CTS0
RTS0
SCK0
TXD0
UTXD
URXD
TWD1
TWCK1
TWD0
TWCK0
PWMH[0:3]
PWML[0:7]
PWMFI[0:1]
TIOB[3:5]
TIOA[3:5]
TIOB[0:2]
TIOA[0:2]
TCLK[3:5]
TCLK[3:5]
TCLK[0:2]
MCDA[0..3]
MCCK
MCCDA
4-Channel
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com