Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 29 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 25Page - ATMEL Corporation SAM3X Datasheet HTML 26Page - ATMEL Corporation SAM3X Datasheet HTML 27Page - ATMEL Corporation SAM3X Datasheet HTML 28Page - ATMEL Corporation SAM3X Datasheet HTML 29Page - ATMEL Corporation SAM3X Datasheet HTML 30Page - ATMEL Corporation SAM3X Datasheet HTML 31Page - ATMEL Corporation SAM3X Datasheet HTML 32Page - ATMEL Corporation SAM3X Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
31
11057BS–ATARM–13-Jul-12
SAM3X/A
31
11057BS–ATARM–13-Jul-12
SAM3X/A
6.4
NRST Pin
The NRST pin is bidirectional. It is handled by the on-chip reset controller and can be driven low
to provide a reset signal to the external components, or asserted low externally to reset the
microcontroller. It will reset the Core and the peripherals except the Backup region (RTC, RTT
and Supply Controller). There is no constraint on the length of the reset pulse, and the reset con-
troller can guarantee a minimum pulse length.
The NRST pin integrates a permanent pull-up resistor to VDDIO of about 100 k
Ω.
6.5
NRSTB Pin
The NRSTB pin is input only and enables asynchronous reset of the SAM3X/A series when
asserted low. The NRSTB pin integrates a permanent pull-up resistor of about 15 k
Ω. This allows
connection of a simple push button on the NRSTB pin as a system-user reset. In all modes, this
pin will reset the chip including the Backup region (RTC, RTT and Supply Controller). It reacts as
the Power-on reset. It can be used as an external system reset source. In harsh environments, it
is recommended to add an external capacitor (10 nF) between NRSTB and VDDBU. (For filter-
ing values, refer to “I/O characteristics” in the “Electrical Characteristics” section of the product
datasheet)
It embeds an anti-glitch filter.
6.6
ERASE Pin
The ERASE pin is used to reinitialize the Flash content (and some of its NVM bits) to an erased
state (all bits read as logic level 1). It integrates a pull-down resistor of about 100 k
Ω to GND, so
that it can be left unconnected for normal operations.
This pin is debounced by SCLK to improve the glitch tolerance. When the ERASE pin is tied high
during less than 100 ms, it is not taken into account. The pin must be tied high during more than
220 ms to perform a Flash erase operation.
The ERASE pin is a system I/O pin and can be used as a standard I/O. At startup, the ERASE
pin is not configured as a PIO pin. If the ERASE pin is used as a standard I/O, the startup level
of this pin must be low to prevent unwanted erasing. Please refer to Section 11.2 “Peripheral
Signal Multiplexing on I/O Lines”. Also, if the ERASE pin is used as a standard I/O output,
asserting the pin to low does not erase the Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com