Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X Datasheet(PDF) 44 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 40Page - ATMEL Corporation SAM3X Datasheet HTML 41Page - ATMEL Corporation SAM3X Datasheet HTML 42Page - ATMEL Corporation SAM3X Datasheet HTML 43Page - ATMEL Corporation SAM3X Datasheet HTML 44Page - ATMEL Corporation SAM3X Datasheet HTML 45Page - ATMEL Corporation SAM3X Datasheet HTML 46Page - ATMEL Corporation SAM3X Datasheet HTML 47Page - ATMEL Corporation SAM3X Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
46
11057BS–ATARM–13-Jul-12
SAM3X/A
46
11057BS–ATARM–13-Jul-12
SAM3X/A
The Slow Clock generator is based on a 32 kHz crystal oscillator and an embedded 32 kHz RC
oscillator. The Slow Clock defaults to the RC oscillator, but the software can enable the crystal
oscillator and select it as the Slow Clock source.
The Supply Controller starts up the device by enabling the Voltage Regulator, then it generates
the proper reset signals to the core power supply.
It also enables to set the system in different low power modes and to wake it up from a wide
range of events.
10.5
Clock Generator
The Clock Generator is made up of:
• One Low Power 32,768 Hz Slow Clock Oscillator with bypass mode
• One Low Power RC Oscillator
• One 3 to 20 MHz Crystal or Ceramic-based Oscillator, which can be bypassed
• One factory-programmed Fast RC Oscillator; 3 output frequencies can be selected: 4, 8 or 12
MHz. By default, 4 MHz is selected. 8 MHz and 12 MHz output are factory-calibrated.
• One 480 MHz UPLL providing a clock for the USB OTG High Speed Controller. Input
frequency is 12 MHz (only).
• One 96 to 192 MHz programmable PLL (PLLA), capable to provide the clock MCK to the
processor and to the peripherals. The input frequency of the PLL A is between 8 and 16 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com