Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
28
Freescale Semiconductor
Bus Signal Timing
Figure 11 provides the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in
the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
Figure 11. Input Data Timing when Controlled by UPM in the Memory Controller and DLT3 = 1
Figure 12 through Figure 15 provide the timing for the external bus read controlled by various GPCM
factors.
Figure 12. External Bus Read Timing (GPCM Controlled—ACS = 00)
CLKOUT
TA
D[0:31]
B20
B21
CLKOUT
A[0:31]
CSx
OE
WE[0:3]
TS
D[0:31]
B11
B12
B23
B8
B22
B26
B19
B18
B25
B28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com