Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
81
Document Revision History
3.0
1/07/2004
7/19/2004
• Added sentence to Spec B1A about EXTCLK and CLKOUT being in alignment for integer values.
• Added a footnote to Spec 41 specifying that EDM = 1.
• Added the thermal numbers to Table 4.
• Added RMII1_EN under M1II_EN in Table 36, Pin Assignments.
• Added a table footnote to Table 6, DC Electrical Specifications, about meeting the VIL Max of the
I2C Standard.
• Put the new part numbers in the Ordering Information Section.
4
08/2007
• Updated template.
• On page 1, updated first paragraph and added a second paragraph.
• After Table 2, inserted a new figure showing the undershoot/overshoot voltage (Figure 3) and
renumbered the rest of the figures.
•In Table 10, for reset timings B29f and B29g added footnote indicating that the formula only applies
to bus operation up to 50 MHz.
•In Figure 5, changed all reference voltage measurement points from 0.2 and 0.8 V to 50% level.
•In Table 18, changed num 46 description to read, “TA assertion to rising edge ...”
•In Figure 43, changed TA to reflect the rising edge of the clock.
Table 37. Document Revision History (continued)
Revision
Number
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com