Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
78
Freescale Semiconductor
Mechanical Data and Ordering Information
TDO, DSDO
P13
Output
(5-V tolerant)
MII1_CRS
U10
Input
MII_MDIO
M13
Bidirectional
(5-V tolerant)
MII1_TX_EN, RMII1_TX_EN U5
Output
(5-V tolerant)
MII1_COL
R10
Input
VSSSYN
E5
PLL analog GND
VSSSYN1
F6
PLL analog GND
VDDSYN
E6
PLL analog VDD
GND
H8, H9, H10, H11, J8, J9, J10, J11, K8, K9, K10, K11, L8, L9, L10,
L11, U15
Power
VDDL
F7, F8, F9, F10, F11, H6, H13, J6, J13, K6, K13, L6, L13, N7, N8,
N9, N10, N11
Power
VDDH
G7, G8, G9, G10, G11, G12, H7, H12, J7, J12, K7, K12, L7, L12, M7,
M8, M9, M10, M11, M12
Power
N/C
B17, T16, U2, U17
No connect
Table 36. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com