Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
16
Freescale Semiconductor
Layout Practices
10 Layout Practices
Each VDD pin on the MPC875/MPC870 should be provided with a low-impedance path to the board’s
supply. Each GND pin should likewise be provided with a low-impedance path to ground. The power
supply pins drive distinct groups of logic on chip. The V
DD power supply should be bypassed to ground
using at least four 0.1-µF bypass capacitors located as close as possible to the four sides of the package.
Each board designed should be characterized and additional appropriate decoupling capacitors should be
used if required. The capacitor leads and associated printed-circuit traces connecting to chip VDD and
GND should be kept to less than half an inch per capacitor lead. At a minimum, a four-layer board
employing two inner layers as VDD and GND planes should be used.
All output pins on the MPC875/MPC870 have fast rise and fall times. Printed circuit (PC) trace
interconnection length should be minimized in order to minimize undershoot and reflections caused by
these fast output switching times. This recommendation particularly applies to the address and data buses.
Maximum PC trace lengths of 6 inches are recommended. Capacitance calculations should consider all
device loads as well as parasitic capacitances due to the PC traces. Attention to proper PCB layout and
bypassing becomes especially critical in systems with higher capacitive loads because these loads create
higher transient currents in the VDD and GND circuits. Pull up all unused inputs or signals that will be
inputs during reset. Special care should be taken to minimize the noise levels on the PLL supply pins. For
more information, refer to Section 14.4.3, “Clock Synthesizer Power (VDDSYN, VSSSYN, VSSSYN1),” in
the MPC885 PowerQUICC™ Family Reference Manual.
PADIR (Port A data direction register)
PADIR[5:9]
PADIR[12:13]
0
PBPAR (Port B pin assignment register)
PBPAR[14:18]
PBPAR[20:22]
0
PBDIR (Port B data direction register)
PBDIR[14:8]
PBDIR[20:22]
0
PCPAR (Port C pin assignment register)
PCPAR[4:5]
PCPAR[8:9]
PCPAR[14]
0
PCDIR (Port C data direction register)
PCDIR[4:5]
PCDIR[8:9]
PCDIR[14]
0
PDPAR (Port D pin assignment register)
PDPAR[3:7]
PDPAR[9:5]
0
PDDIR (Port D data direction register)
PDDIR[3:7]
PDDIR[9:15]
0
Table 7. Mandatory Reset Configuration of MPC875/MPC870 (continued)
Register/Configuration
Field
Value
(Binary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com