Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
17
Bus Signal Timing
11 Bus Signal Timing
The maximum bus speed supported by the MPC875/MPC870 is 80 MHz. Higher-speed parts must be
operated in half-speed bus mode (for example, an MPC875/MPC870 used at 133 MHz must be configured
for a 66 MHz bus). Table 8 shows the frequency ranges for standard part frequencies in 1:1 bus mode, and
Table 9 shows the frequency ranges for standard part frequencies in 2:1 bus mode.
Table 10 provides the bus operation timing for the MPC875/MPC870 at 33, 40, 66, and 80 MHz.
The timing for the MPC875/MPC870 bus shown Table 10, assumes a 50-pF load for maximum delays and
a 0-pF load for minimum delays. CLKOUT assumes a 100-pF load maximum delay
Table 8. Frequency Ranges for Standard Part Frequencies (1:1 Bus Mode)
Part Frequency
66 MHz
80 MHz
Min
Max
Min
Max
Core frequency
40
66.67
40
80
Bus frequency
40
66.67
40
80
Table 9. Frequency Ranges for Standard Part Frequencies (2:1 Bus Mode)
Part Frequency
66 MHz
80 MHz
133 MHz
Min
Max
Min
Max
Min
Max
Core frequency
40
66.67
40
80
40
133
Bus frequency
20
33.33
20
40
20
66
Table 10. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
Bus period (CLKOUT), see Table 8
———
————
—
ns
B1a
EXTCLK to CLKOUT phase skew—If
CLKOUT is an integer multiple of EXTCLK,
then the rising edge of EXTCLK is aligned with
the rising edge of CLKOUT. For a non-integer
multiple of EXTCLK, this synchronization is
lost, and the rising edges of EXTCLK and
CLKOUT have a continuously varying phase
skew.
–2
+2
–2
+2
–2
+2
–2
+2
ns
B1b
CLKOUT frequency jitter peak-to-peak
—
1
—
1
—
1
—
1
ns
B1c
Frequency jitter on EXTCLK
—
0.50
—
0.50
—
0.50
—
0.50
%
B1d
CLKOUT phase jitter peak-to-peak for
OSCLK
≥ 15 MHz
—4
—
4
—4
—
4
ns
CLKOUT phase jitter peak-to-peak for
OSCLK < 15 MHz
—5
—
5
—5
—
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com