Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
51
CPM Electrical Characteristics
Figure 47. CPM General-Purpose Timers Timing Diagram
13.5
Serial Interface AC Electrical Specifications
Table 21 provides the serial interface (SI) timings as shown in Figure 48 through Figure 52.
Table 21. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLKB, L1TCLKB frequency (DSC = 0)1, 2
—
SYNCCLK/2.5
MHz
71
L1RCLKB, L1TCLKB width low (DSC = 0)2
P + 10
—
ns
71a
L1RCLKB, L1TCLKB width high (DSC = 0)3
P + 10
—
ns
72
L1TXDB, L1ST1 and L1ST2, L1RQ, L1CLKO rise/fall time
—
15.00
ns
73
L1RSYNCB, L1TSYNCB valid to L1CLKB edge (SYNC setup time)
20.00
—
ns
74
L1CLKB edge to L1RSYNCB, L1TSYNCB, invalid (SYNC hold time)
35.00
—
ns
75
L1RSYNCB, L1TSYNCB rise/fall time
—
15.00
ns
76
L1RXDB valid to L1CLKB edge (L1RXDB setup time)
17.00
—
ns
77
L1CLKB edge to L1RXDB invalid (L1RXDB hold time)
13.00
—
ns
78
L1CLKB edge to L1ST1 and L1ST2 valid4
10.00
45.00
ns
78A
L1SYNCB valid to L1ST1 and L1ST2 valid
10.00
45.00
ns
79
L1CLKB edge to L1ST1 and L1ST2 invalid
10.00
45.00
ns
80
L1CLKB edge to L1TXDB valid
10.00
55.00
ns
80A
L1TSYNCB valid to L1TXDB valid4
10.00
55.00
ns
81
L1CLKB edge to L1TXDB high impedance
0.00
42.00
ns
82
L1RCLKB, L1TCLKB frequency (DSC = 1)
—
16.00 or
SYNCCLK/2
MHz
83
L1RCLKB, L1TCLKB width low (DSC = 1)
P + 10
—
ns
CLKO
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com