Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
20
Freescale Semiconductor
Bus Signal Timing
B25
CLKOUT rising edge to OE,
WE(0:3)/BS_B[0:3] asserted
(MAX = 0.00
× B1 + 9.00)
—
9.00
9.00
9.00
—
9.00
ns
B26
CLKOUT rising edge to OE negated
(MAX = 0.00
× B1 + 9.00)
2.00
9.00
2.00
9.00
2.00
9.00
2.00
9.00
ns
B27
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 10, TRLX = 1
(MIN = 1.25
× B1 – 2.00)
35.90
—
29.30
—
16.90
—
13.60
—
ns
B27a
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 11, TRLX = 1
(MIN = 1.50
× B1 – 2.00)
43.50
—
35.50
—
20.70
—
16.75
—
ns
B28
CLKOUT rising edge to WE(0:3)/BS_B[0:3]
negated GPCM write access CSNT = 0
(MAX = 0.00
× B1 + 9.00)
—
9.00
—
9.00
—
9.00
—
9.00
ns
B28a
CLKOUT falling edge to WE(0:3)/BS_B[0:3]
negated GPCM write access TRLX = 0,
CSNT = 1, EBDF = 0
(MAX = 0.25
× B1 + 6.80)
7.60
14.30
6.30
13.00
3.80
10.50
3.13
9.93
ns
B28b
CLKOUT falling edge to CS negated GPCM
write access TRLX = 0, CSNT = 1 ACS = 10 or
ACS = 11, EBDF = 0
(MAX = 0.25
× B1 + 6.80)
—
14.30
—
13.00
—
10.50
—
9.93
ns
B28c
CLKOUT falling edge to WE(0:3)/BS_B[0:3]
negated GPCM write access TRLX = 0,
CSNT = 1 write access TRLX = 0, CSNT = 1,
EBDF = 1 (MAX = 0.375
× B1 + 6.6)
10.90
18.00
10.90
18.00
5.20
12.30
4.69
11.29
ns
B28d
CLKOUT falling edge to CS negated GPCM
write access TRLX = 0, CSNT = 1, ACS = 10
or ACS = 11, EBDF = 1
(MAX = 0.375
× B1 + 6.6)
—
18.00
—
18.00
—
12.30
—
11.30
ns
B29
WE(0:3)/BS_B[0:3] negated to D(0:31) High-Z
GPCM write access, CSNT = 0, EBDF = 0
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B29a
WE(0:3)/BS_B[0:3] negated to D(0:31) High-Z
GPCM write access, TRLX = 0, CSNT = 1,
EBDF = 0 (MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B29b
CS negated to D(0:31) High-Z GPCM write
access, ACS = 00, TRLX = 0 and CSNT = 0
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B29c
CS negated to D(0:31) High-Z GPCM write
access, TRLX = 0, CSNT = 1, ACS = 10 or
ACS = 11, EBDF = 0 (MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
Table 10. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com