Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
15
Mandatory Reset Configurations
One consequence of multiple power supplies is that when power is initially applied, the voltage rails ramp
up at different rates. The rates depend on the nature of the power supply, the type of load on each power
supply, and the manner in which different voltages are derived. The following restrictions apply:
•VDDL must not exceed VDDH during power up and power down
•VDDL must not exceed 1.9 V, and VDDH must not exceed 3.465 V
These cautions are necessary for the long-term reliability of the part. If they are violated, the electrostatic
discharge (ESD) protection diodes are forward-biased, and excessive current can flow through these
diodes. If the system power supply design does not control the voltage sequencing, the circuit shown in
Figure 4 can be added to meet these requirements. The MUR420 Schottky diodes control the maximum
potential difference between the external bus and core power supplies on power up, and the 1N5820 diodes
regulate the maximum potential difference on power down.
Figure 4. Example Voltage Sequencing Circuit
9
Mandatory Reset Configurations
The MPC875/MPC870 requires a mandatory configuration during reset.
If hardware reset configuration word (HRCW) is enabled, the HRCW[DBGC] value needs to be set to
binary X1 in the HRCW and the SIUMCR[DBGC] should be programmed with the same value in the boot
code after reset. This can be done by asserting the RSTCONF during HRESET assertion.
If HRCW is disabled, the SIUMCR[DBGC] should be programmed with binary X1 in the boot code after
reset by negating the RSTCONF during the HRESET assertion.
The MBMR[GPLB4DIS], PAPAR, PADIR, PBPAR, PBDIR, PCPAR, and PCDIR need to be configured
with the mandatory values in Table 7 in the boot code after the reset is negated.
Table 7. Mandatory Reset Configuration of MPC875/MPC870
Register/Configuration
Field
Value
(Binary)
HRCW (Hardware reset configuration word)
HRCW[DBGC]
X1
SIUMCR (SIU module configuration register)
SIUMCR[DBGC]
X1
MBMR (Machine B mode register)
MBMR[GPLB4DIS}
0
PAPAR (Port A pin assignment register)
PAPAR[5:9]
PAPAR[12:13]
0
VDDH
VDDL
1N5820
MUR420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com