Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
12
Freescale Semiconductor
Thermal Calculation and Measurement
7
Thermal Calculation and Measurement
For the following discussions, PD = (VDDL × IDDL) + PI/O, where PI/O is the power dissipation of the I/O
drivers.
NOTE
The VDDSYN power dissipation is negligible.
7.1
Estimation with Junction-to-Ambient Thermal Resistance
An estimation of the chip junction temperature, TJ, in
°C can be obtained from the following equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature (°C)
RθJA = package junction-to-ambient thermal resistance (°C/W)
PD = power dissipation in package
The junction-to-ambient thermal resistance is an industry standard value that provides a quick and easy
estimation of thermal performance. However, the answer is only an estimate; test cases have demonstrated
that errors of a factor of two (in the quantity TJ – TA) are possible.
Output high voltage, IOH = –2.0 mA, VDDH = 3.0 V (except XTAL and
open-drain pins)
VOH
2.4
—
V
Output low voltage
IOL = 2.0 mA (CLKOUT)
IOL = 3.2 mA
5
IOL = 5.3 mA
6
IOL = 7.0 mA (TXD1/PA14, TXD2/PA12)
IOL = 8.9 mA (TS, TA, TEA, BI, BB, HRESET, SRESET)
VOL
—0.5
V
1 The difference between V
DDL and VDDSYN cannot be more than 100 mV.
2 The signals PA[0:15], PB[14:31], PC[4:15], PD[3:15], PE(14:31), TDI, TDO, TCK, TRST, TMS, MII1_TXEN, and MII_MDIO are
5-V tolerant. The minimum voltage is still 2.0 V.
3 V
IL(max) for the I
2C interface is 0.8 V rather than the 1.5 V as specified in the I2C standard.
4 Input capacitance is periodically sampled.
5 A(0:31), TSIZ0/REG, TSIZ1, D(0:31), IRQ(2:4), IRQ6, RD/WR, BURST, IP_B(0:1), PA(0:4), PA(6:7), PA(10:11), PA15, PB19,
PB(23:31), PC(6:7), PC(10:13), PC15, PD8, PE(14:31), MII1_CRS, MII_MDIO, MII1_TXEN, and MII1_COL.
6 BDIP/GPL_B(5), BR, BG, FRZ/IRQ6, CS(0:7), WE(0:3), BS_A(0:3), GPL_A0/GPL_B0, OE/GPL_A1/GPL_B1,
GPL_A(2:3)/GPL_B(2:3)/CS(2:3), UPWAITA/GPL_A4, UPWAITB/GPL_B4, GPL_A5, ALE_A, CE1_A, CE2_A, OP(0:3), and
BADDR(28:30).
Table 6. DC Electrical Specifications (continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com