Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
71
Mechanical Data and Ordering Information
16 Mechanical Data and Ordering Information
Table 35 identifies the packages and operating frequencies available for the MPC875/MPC870.
Table 35. Available MPC875/MPC870 Packages/Frequencies
Package Type
Temperature (TJ)
Frequency (MHz)
Order Number
Plastic ball grid array
ZT suffix—Leaded
VR suffix—Lead-Free are available as needed
0
°C to 95°C
66
KMPC875ZT66
KMPC870ZT66
MPC875ZT66
MPC870ZT66
80
KMPC875ZT80
KMPC870ZT80
MPC875ZT80
MPC870ZT80
133
KMPC875ZT133
KMPC870ZT133
MPC875ZT133
MPC870ZT133
Plastic ball grid array
CZT suffix—Leaded
CVR suffix—Lead-Free are available as needed
-40
°C to 100°C
66
KMPC875CZT66
KMPC870CZT66
MPC875CZT66
MPC870CZT66
133
KMPC875CZT133
KMPC870CZT133
MPC875CZT133
MPC870CZT133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com