Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
57
CPM Electrical Characteristics
13.6
SCC in NMSI Mode Electrical Specifications
Table 22 provides the NMSI external clock timing.
Table 23 provides the NMSI internal clock timing.
Table 22. NMSI External Clock Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK3 and TCLK3 width high1
1 The ratios SYNCCLK/RCLK3 and SYNCCLK/TCLK3 must be greater than or equal to 2.25/1.
1/SYNCCLK
—
ns
101
RCLK3 and TCLK3 width low
1/SYNCCLK + 5
—
ns
102
RCLK3 and TCLK3 rise/fall time
—
15.00
ns
103
TXD3 active delay (from TCLK3 falling edge)
0.00
50.00
ns
104
RTS3 active/inactive delay (from TCLK3 falling edge)
0.00
50.00
ns
105
CTS3 setup time to TCLK3 rising edge
5.00
—
ns
106
RXD3 setup time to RCLK3 rising edge
5.00
—
ns
107
RXD3 hold time from RCLK3 rising edge2
2 Also applies to CD and CTS hold time when they are used as external SYNC signals.
5.00
—
ns
108
CD3 setup time to RCLK3 rising edge
5.00
—
ns
Table 23. NMSI Internal Clock Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK3 and TCLK3 frequency1
1 The ratios SYNCCLK/RCLK3 and SYNCCLK/TCLK3 must be greater or equal to 3/1.
0.00
SYNCCLK/3
MHz
102
RCLK3 and TCLK3 rise/fall time
—
—
ns
103
TXD3 active delay (from TCLK3 falling edge)
0.00
30.00
ns
104
RTS3 active/inactive delay (from TCLK3 falling edge)
0.00
30.00
ns
105
CTS3 setup time to TCLK3 rising edge
40.00
—
ns
106
RXD3 setup time to RCLK3 rising edge
40.00
—
ns
107
RXD3 hold time from RCLK3 rising edge2
2 Also applies to CD and CTS hold time when they are used as external SYNC signals.
0.00
—
ns
108
CD3 setup time to RCLK3 rising edge
40.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com