Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
80
Freescale Semiconductor
Document Revision History
17 Document Revision History
Table 37 lists significant changes between revisions of this hardware specification.
Table 37. Document Revision History
Revision
Number
Date
Changes
0
2/2003
Initial release.
0.1
3/2003
Took out the time-slot assigner and changed the SCC for SCC3 to SCC4.
0.2
5/2003
Changed the package drawing, removed all references to Data Parity. Changed the SPI Master Timing
Specs. 162 and 164. Added the RMII and USB timing. Added the 80-MHz timing.
0.3
5/2003
Made sure the pin types were correct. Changed the Features list to agree with the MPC885.
0.4
5/2003
Corrected the signals that had overlines on them. Made corrections on two pins that were typos.
0.5
5/2003
Changed the pin descriptions for PD8 and PD9.
0.6
5/2003
Changed a few typos. Put back the I2C. Put in the new reset configuration, corrected the USB timing.
0.7
6/2003
Changed the pin descriptions per the June 22 spec, removed Utopia from the pin descriptions,
changed PADIR, PBDIR, PCDIR and PDDIR to be 0 in the Mandatory Reset Config.
0.8
8/2003
Added the reference to USB 2.0 to the Features list and removed 1.1 from USB on the block diagrams.
0.9
8/2003
Changed the USB description to full-/low-speed compatible.
1.0
9/2003
Added the DSP information in the Features list.
Put a new sentence under Mechanical Dimensions.
Fixed table formatting.
Nontechnical edits.
Released to the external web.
1.1
10/2003
Added TDMb to the MPC875 Features list, the MPC875 Block Diagram, added 13.5 Serial Interface
AC Electrical Specifications, and removed TDMa from the pin descriptions.
2.0
12/2003
Changed DBGC in the Mandatory Reset Configuration to X1.
Changed the maximum operating frequency to 133 MHz.
Put the timing in the 80 MHz column.
Put in the orderable part numbers.
Rounded the timings to hundredths in the 80 MHz column.
Put the pin numbers in footnotes by the maximum currents in Table 6.
Changed 22 and 41 in the Timing.
Put TBD in the Thermal table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com