Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
37
Bus Signal Timing
Table 11 provides the interrupt timing for the MPC875/MPC870.
Figure 25 provides the interrupt detection timing for the external level-sensitive lines.
Figure 25. Interrupt Detection Timing for External Level Sensitive Lines
Figure 26 provides the interrupt detection timing for the external edge-sensitive lines.
Figure 26. Interrupt Detection Timing for External Edge-Sensitive Lines
Table 11. Interrupt Timing
Num
Characteristic1
1 The I39 and I40 timings describe the testing conditions under which the IRQ lines are tested when being defined as level
sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference to the CLKOUT.
The I41, I42, and I43 timings are specified to allow correct functioning of the IRQ lines detection circuitry and have no direct
relation with the total system interrupt latency that the MPC875/MPC870 is able to support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (setup time)
6.00
ns
I40
IRQx hold time after CLKOUT
2.00
ns
I41
IRQx pulse width low
3.00
ns
I42
IRQx pulse width high
3.00
ns
I43
IRQx edge-to-edge time
4
× TCLOCKOUT
—
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com