Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875CVR133 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
52
Freescale Semiconductor
CPM Electrical Characteristics
Figure 48. SI Receive Timing Diagram with Normal Clocking (DSC = 0)
83a
L1RCLKB, L1TCLKB width high (DSC = 1)3
P + 10
—
ns
84
L1CLKB edge to L1CLKOB valid (DSC = 1)
—
30.00
ns
85
L1RQB valid before falling edge of L1TSYNCB4
1.00
—
L1TCLK
86
L1GRB setup time2
42.00
—
ns
87
L1GRB hold time
42.00
—
ns
88
L1CLKB edge to L1SYNCB valid (FSD = 00) CNT = 0000, BYT = 0,
DSC = 0)
—0.00
ns
1 The ratio SYNCCLK/L1RCLKB must be greater than 2.5/1.
2 These specs are valid for IDL mode only.
3 Where P = 1/CLKOUT. Thus, for a 25-MHz CLKO1 rate, P = 40 ns.
4 These strobes and TxD on the first bit of the frame become valid after the L1CLKB edge or L1SYNCB, whichever comes later.
Table 21. SI Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
L1RXDB
(Input)
L1RCLKB
(FE = 0, CE = 0)
(Input)
L1RCLKB
(FE = 1, CE = 1)
(Input)
L1RSYNCB
(Input)
L1ST(2–1)
(Output)
71
72
70
71a
RFSD=1
75
73
74
77
78
76
79
BIT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com