Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 21 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 17Page - Microchip Technology 30F4013 Datasheet HTML 18Page - Microchip Technology 30F4013 Datasheet HTML 19Page - Microchip Technology 30F4013 Datasheet HTML 20Page - Microchip Technology 30F4013 Datasheet HTML 21Page - Microchip Technology 30F4013 Datasheet HTML 22Page - Microchip Technology 30F4013 Datasheet HTML 23Page - Microchip Technology 30F4013 Datasheet HTML 24Page - Microchip Technology 30F4013 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 21
dsPIC30F3014/4013
2.4.1
MULTIPLIER
The 17-bit x 17-bit multiplier is capable of signed or
unsigned operation and can multiplex its output using a
scaler to support either 1.31 fractional (Q31) or 32-bit
integer results. Unsigned operands are zero-extended
into the 17th bit of the multiplier input value. Signed
operands are sign-extended into the 17th bit of the
multiplier input value. The output of the 17-bit x 17-bit
multiplier/scaler is a 33-bit value, which is sign-
extended to 40 bits. Integer data is inherently
represented as a signed two’s complement value,
where the MSB is defined as a sign bit. Generally
speaking, the range of an N-bit two’s complement inte-
ger is -2N-1 to 2N-1 – 1. For a 16-bit integer, the data
range is -32768 (0x8000) to 32767 (0x7FFF) including
‘0’. For a 32-bit integer, the data range is -
2,147,483,648
(0x8000 0000)
to
2,147,483,645
(0x7FFF FFFF).
When the multiplier is configured for fractional multipli-
cation, the data is represented as a two’s complement
fraction, where the MSB is defined as a sign bit and the
radix point is implied to lie just after the sign bit (QX for-
mat). The range of an N-bit two’s complement fraction
with this implied radix point is -1.0 to (1 – 21-N). For a
16-bit fraction, the Q15 data range is -1.0 (0x8000) to
0.999969482 (0x7FFF) including ‘0’ and has a preci-
sion of 3.01518x10-5. In Fractional mode, the 16x16
multiply operation generates a 1.31 product, which has
a precision of 4.65661 x 10-10.
The same multiplier is used to support the MCU multi-
ply instructions, which includes integer 16-bit signed,
unsigned and mixed sign multiplies.
The MUL instruction can be directed to use byte or
word-sized operands. Byte operands direct a 16-bit
result, and word operands direct a 32-bit result to the
specified register(s) in the W array.
2.4.2
DATA ACCUMULATORS AND
ADDER/SUBTRACTER
The data accumulator consists of a 40-bit adder/
subtracter with automatic sign extension logic. It can
select one of two accumulators (A or B) as its pre-
accumulation
source
and
post-accumulation
destination. For the ADD and LAC instructions, the data
to be accumulated or loaded can be optionally scaled
via the barrel shifter prior to accumulation.
2.4.2.1
Adder/Subtracter, Overflow and
Saturation
The adder/subtracter is a 40-bit adder with an optional
zero input into one side and either true or complement
data into the other input. In the case of addition, the
carry/borrow input is active-high and the other input is
true data (not complemented), whereas in the case of
subtraction, the carry/borrow input is active-low and the
other input is complemented. The adder/subtracter
generates overflow Status bits, SA/SB and OA/OB,
which are latched and reflected in the STATUS register:
• Overflow from bit 39: this is a catastrophic
overflow in which the sign of the accumulator is
destroyed.
• Overflow into guard bits 32 through 39: this is a
recoverable overflow. This bit is set whenever all
the guard bits are not identical to each other.
The adder has an additional saturation block which
controls accumulator data saturation if selected. It uses
the result of the adder, the overflow Status bits
described above, and the SATA/B (CORCON<7:6>)
and ACCSAT (CORCON<4>) mode control bits to
determine when and to what value to saturate.
Six STATUS register bits have been provided to
support saturation and overflow. They are:
1.
OA:
AccA overflowed into guard bits
2.
OB:
AccB overflowed into guard bits
3.
SA:
AccA saturated (bit 31 overflow and saturation)
or
AccA overflowed into guard bits and saturated
(bit 39 overflow and saturation)
4.
SB:
AccB saturated (bit 31 overflow and saturation)
or
AccB overflowed into guard bits and saturated
(bit 39 overflow and saturation)
5.
OAB:
Logical OR of OA and OB
6.
SAB:
Logical OR of SA and SB
The OA and OB bits are modified each time data
passes through the adder/subtracter. When set, they
indicate that the most recent operation has overflowed
into the accumulator guard bits (bits 32 through 39).
The OA and OB bits can also optionally generate an
arithmetic warning trap when set and the correspond-
ing overflow trap flag enable bit (OVATE, OVBTE) in
the INTCON1 register (refer to Section 8.0 “Inter-
rupts”) is set. This allows the user to take immediate
action, for example, to correct system gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com