Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 61 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 61 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 57Page - Microchip Technology 30F4013 Datasheet HTML 58Page - Microchip Technology 30F4013 Datasheet HTML 59Page - Microchip Technology 30F4013 Datasheet HTML 60Page - Microchip Technology 30F4013 Datasheet HTML 61Page - Microchip Technology 30F4013 Datasheet HTML 62Page - Microchip Technology 30F4013 Datasheet HTML 63Page - Microchip Technology 30F4013 Datasheet HTML 64Page - Microchip Technology 30F4013 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 61
dsPIC30F3014/4013
TABLE 8-2:
dsPIC30F4013 INTERRUPT
VECTOR TABLE
8.2
Reset Sequence
A Reset is not a true exception because the interrupt
controller is not involved in the Reset process. The pro-
cessor initializes its registers in response to a Reset
which forces the PC to zero. The processor then begins
program execution at location 0x000000. A GOTO
instruction is stored in the first program memory loca-
tion immediately followed by the address target for the
GOTO
instruction. The processor executes the GOTO to
the specified address and then begins operation at the
specified target (start) address.
8.2.1
RESET SOURCES
In addition to external Reset and Power-on Reset
(POR), these sources of error conditions ‘trap’ to the
Reset vector:
• Watchdog Time-out:
The watchdog has timed out, indicating that the
processor is no longer executing the correct flow
of code.
• Uninitialized W Register Trap:
An attempt to use an uninitialized W register as
an Address Pointer causes a Reset.
• Illegal Instruction Trap:
Attempted execution of any unused opcodes
results in an illegal instruction trap. Note that a
fetch of an illegal instruction does not result in an
illegal instruction trap if that instruction is flushed
prior to execution due to a flow change.
• Brown-out Reset (BOR):
A momentary dip in the power supply to the
device has been detected which may result in
malfunction.
• Trap Lockout:
Occurrence of multiple trap conditions
simultaneously causes a Reset.
Interrupt
Number
Vector
Number
Interrupt Source
Highest Natural Order Priority
0
8
INT0 – External Interrupt 0
1
9
IC1 – Input Capture 1
2
10
OC1 – Output Compare 1
311
T1 – Timer1
4
12
IC2 – Input Capture 2
5
13
OC2 – Output Compare 2
614
T2 V Timer2
715
T3 – Timer3
8
16
SPI1
9
17
U1RX – UART1 Receiver
10
18
U1TX – UART1 Transmitter
11
19
ADC – ADC Convert Done
12
20
NVM – NVM Write Complete
13
21
SI2C – I2C™ Slave Interrupt
14
22
MI2C – I2C Master Interrupt
15
23
Input Change Interrupt
16
24
INT1 – External Interrupt 1
17
25
IC7 – Input Capture 7
18
26
IC8 – Input Capture 8
19
27
OC3 – Output Compare 3
20
28
OC4 – Output Compare 4
21
29
T4 – Timer4
22
30
T5 – Timer5
23
31
INT2 – External Interrupt 2
24
32
U2RX – UART2 Receiver
25
33
U2TX – UART2 Transmitter
26
34
Reserved
27
35
C1 – Combined IRQ for CAN1
28-40
36-48
Reserved
41
49
DCI – CODEC Transfer Done
42
50
LVD – Low-Voltage Detect
43-53
51-61
Reserved
Lowest Natural Order Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com