Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 40 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 40 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 36Page - Microchip Technology 30F4013 Datasheet HTML 37Page - Microchip Technology 30F4013 Datasheet HTML 38Page - Microchip Technology 30F4013 Datasheet HTML 39Page - Microchip Technology 30F4013 Datasheet HTML 40Page - Microchip Technology 30F4013 Datasheet HTML 41Page - Microchip Technology 30F4013 Datasheet HTML 42Page - Microchip Technology 30F4013 Datasheet HTML 43Page - Microchip Technology 30F4013 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 40
 2010 Microchip Technology Inc.
4.2.3
MODULO ADDRESSING
APPLICABILITY
Modulo Addressing can be applied to the Effective
Address (EA) calculation associated with any W
register. It is important to realize that the address
boundaries check for addresses less than or greater
than the upper (for incrementing buffers) and lower (for
decrementing buffers) boundary addresses (not just
equal to). Address changes may, therefore, jump
beyond boundaries and still be adjusted correctly.
4.3
Bit-Reversed Addressing
Bit-Reversed Addressing is intended to simplify data
re-ordering for radix-2 FFT algorithms. It is supported
by the X AGU for data writes only.
The modifier, which may be a constant value or register
contents, is regarded as having its bit order reversed. The
address source and destination are kept in normal order.
Thus, the only operand requiring reversal is the modifier.
4.3.1
BIT-REVERSED ADDRESSING
IMPLEMENTATION
Bit-Reversed Addressing is enabled when:
1.
BWM (W register selection) in the MODCON
register is any value other than ‘15’ (the stack
cannot
be
accessed
using
Bit-Reversed
Addressing) and
2.
the BREN bit is set in the XBREV register and
3.
the addressing mode used is Register Indirect
with Pre-Increment or Post-Increment.
If the length of a bit-reversed buffer is M = 2N bytes,
then the last ‘N’ bits of the data buffer start address
must be zeros.
XB<14:0> is the bit-reversed address modifier or ‘pivot
point’ which is typically a constant. In the case of an
FFT computation, its value is equal to half of the FFT
data buffer size.
When enabled, Bit-Reversed Addressing is only
executed for Register Indirect with Pre-Increment or
Post-Increment
Addressing
and
word-sized
data
writes. It does not function for any other addressing
mode or for byte sized data. Normal addresses are
generated instead. When Bit-Reversed Addressing is
active, the W Address Pointer is always added to the
address modifier (XB) and the offset associated with
the Register Indirect Addressing mode is ignored. In
addition, as word-sized data is a requirement, the LSb
of the EA is ignored (and always clear).
If Bit-Reversed Addressing has already been enabled
by setting the BREN (XBREV<15>) bit, then a write to
the XBREV register should not be immediately followed
by an indirect read operation using the W register that
has been designated as the Bit-Reversed Pointer.
FIGURE 4-2:
BIT-REVERSED ADDRESS EXAMPLE
Note:
The modulo corrected effective address is
written back to the register only when Pre-
Modify or Post-Modify Addressing mode is
used to compute the effective address.
When an address offset (e.g., [W7+W2])
is used, Modulo Addressing correction is
performed but the contents of the register
remain unchanged.
Note:
All bit-reversed EA calculations assume
word-sized data (LSb of every EA is
always clear). The XB value is scaled
accordingly to generate compatible (byte)
addresses.
Note:
Modulo
Addressing
and
Bit-Reversed
Addressing
should
not
be
enabled
together. In the event that the user
attempts to do this, Bit-Reversed Address-
ing assumes priority when active for the X
WAGU, and X WAGU Modulo Addressing
is disabled. However, Modulo Addressing
continues to function in the X RAGU.
b3 b2 b1
0
b2 b3 b4
0
Bit Locations Swapped Left-to-Right
Around Center of Binary Value
Bit-Reversed Address
XB = 0x0008 for a 16-word Bit-Reversed Buffer
b7 b6 b5 b1
b7 b6 b5 b4
b11 b10 b9 b8
b11 b10 b9 b8
b15 b14 b13 b12
b15 b14 b13 b12
Sequential Address
Pivot Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com