Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 4 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 4 Page - Microchip Technology

  30F4013 Datasheet HTML 1Page - Microchip Technology 30F4013 Datasheet HTML 2Page - Microchip Technology 30F4013 Datasheet HTML 3Page - Microchip Technology 30F4013 Datasheet HTML 4Page - Microchip Technology 30F4013 Datasheet HTML 5Page - Microchip Technology 30F4013 Datasheet HTML 6Page - Microchip Technology 30F4013 Datasheet HTML 7Page - Microchip Technology 30F4013 Datasheet HTML 8Page - Microchip Technology 30F4013 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 4
 2010 Microchip Technology Inc.
CMOS Technology:
• Low-Power, High-Speed Flash Technology
• Wide Operating Voltage Range (2.5V to 5.5V)
• Industrial and Extended Temperature Ranges
• Low-Power Consumption
dsPIC30F3014/4013 Controller Family
Pin Diagrams
Device
Pins
Program Memory
SRAM
Bytes
EEPROM
Bytes
Timer
16-Bit
Input
Cap
Output
Comp/
Std PWM
Codec
Interface
A/D 12-Bit
200 Ksps
Bytes Instructions
dsPIC30F3014 40/44
24K
8K
2048
1024
3
2
2
—
13 ch
2
1
1
0
dsPIC30F4013 40/44
48K
16K
2048
1024
5
4
4
AC’97, I2S
13 ch
2
1
1
1
PGD/EMUD/AN7/RB7
PGC/EMUC/AN6/OCFA/RB6
RF0
RF1
RD2
IC1/INT1/RD8
AN8/RB8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
MCLR
VDD
Vss
IC2/INT2/RD9
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
OSC2/CLKO/RC15
OSC1/CLKI
AN9/RB9
AN10/RB10
AN11/RB11
AN12/RB12
EMUD2/OC2/RD1
AVDD
AVss
RD3
Vss
VDD
EMUC3/SCK1/RF6
U1RX/SDI1/SDA/RF2
EMUD3/U1TX/SDO1/SCL/RF3
EMUC2/OC1/RD0
VDD
U2RX/CN17/RF4
U2TX/CN18/RF5
AN4/CN6/RB4
AN2/SS1/LVDIN/CN4/RB2
AN1/VREF-/CN3/RB1
AN0/VREF+/CN2/RB0
AN5/CN7/RB5
INT0/RA11
Vss
AN3/CN5/RB3
40-Pin PDIP
PGD/EMUD/AN7/RB7
PGC/EMUC/AN6/OCFA/RB6
C1RX/RF0
C1TX/RF1
OC3/RD2
IC1/INT1/RD8
AN8/RB8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
MCLR
VDD
VSS
IC2/INT2/RD9
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
OSC2/CLKO/RC15
OSC1/CLKI
AN9/CSCK/RB9
AN10/CSDI/RB10
AN11/CSDO/RB11
AN12/COFS/RB12
EMUD2/OC2/RD1
AVDD
AVSS
OC4/RD3
VSS
VDD
EMUC3/SCK1/RF6
U1RX/SDI1/SDA/RF2
EMUD3/U1TX/SDO1/SCL/RF3
EMUC2/OC1/RD0
VDD
U2RX/CN17/RF4
U2TX/CN18/RF5
AN4/IC7/CN6/RB4
AN2/SS1/LVDIN/CN4/RB2
AN1/VREF-/CN3/RB1
AN0/VREF+/CN2/RB0
AN5/IC8/CN7/RB5
INT0/RA11
VSS
AN3/CN5/RB3
40-Pin PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com