Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 43 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 43 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 39Page - Microchip Technology 30F4013 Datasheet HTML 40Page - Microchip Technology 30F4013 Datasheet HTML 41Page - Microchip Technology 30F4013 Datasheet HTML 42Page - Microchip Technology 30F4013 Datasheet HTML 43Page - Microchip Technology 30F4013 Datasheet HTML 44Page - Microchip Technology 30F4013 Datasheet HTML 45Page - Microchip Technology 30F4013 Datasheet HTML 46Page - Microchip Technology 30F4013 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 43
dsPIC30F3014/4013
5.0
FLASH PROGRAM MEMORY
The dsPIC30F family of devices contains internal
program Flash memory for executing user code. There
are two methods by which the user can program this
memory:
1.
Run-Time Self-Programming (RTSP)
2.
In-Circuit Serial Programming™ (ICSP™)
5.1
In-Circuit Serial Programming
(ICSP)
dsPIC30F devices can be serially programmed while in
the end application circuit. This is simply done with two
lines for Programming Clock and Programming Data
(which are named PGC and PGD, respectively), and
three other lines for Power (VDD), Ground (VSS) and
Master Clear (MCLR). This allows customers to manu-
facture boards with unprogrammed devices and then
program the microcontroller just before shipping the
product. This also allows the most recent firmware or a
custom firmware to be programmed.
5.2
Run-Time Self-Programming
(RTSP)
RTSP is accomplished using TBLRD (table read) and
TBLWT
(table write) instructions.
With RTSP, the user may erase program memory,
32 instructions (96 bytes) at a time and can write
program memory data, 32 instructions (96 bytes) at a
time.
5.3
Table Instruction Operation
Summary
The TBLRDL and the TBLWTL instructions are used to
read or write to bits<15:0> of program memory.
TBLRDL
and TBLWTL can access program memory in
Word or Byte mode.
The TBLRDH and TBLWTH instructions are used to read
or write to bits<23:16> of program memory. TBLRDH
and TBLWTH can access program memory in Word or
Byte mode.
A 24-bit program memory address is formed using
bits<7:0> of the TBLPAG register and the Effective
Address (EA) from a W register specified in the table
instruction, as shown in Figure 5-1.
FIGURE 5-1:
ADDRESSING FOR TABLE AND NVM REGISTERS
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “16-bit MCU and DSC Pro-
grammer’s
Reference
Manual”
(DS70157).
0
Program Counter
24 bits
NVMADRU Reg
8 bits
16 bits
Program
Using
TBLPAG Reg
8 bits
Working Reg EA
16 bits
Using
Byte
24-bit EA
1/0
0
1/0
Select
Table
Instruction
NVMADR
Addressing
Counter
Using
NVMADR Reg EA
User/Configuration
Space Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com