Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 26 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 26 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 22Page - Microchip Technology 30F4013 Datasheet HTML 23Page - Microchip Technology 30F4013 Datasheet HTML 24Page - Microchip Technology 30F4013 Datasheet HTML 25Page - Microchip Technology 30F4013 Datasheet HTML 26Page - Microchip Technology 30F4013 Datasheet HTML 27Page - Microchip Technology 30F4013 Datasheet HTML 28Page - Microchip Technology 30F4013 Datasheet HTML 29Page - Microchip Technology 30F4013 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 26
 2010 Microchip Technology Inc.
TABLE 3-1:
PROGRAM SPACE ADDRESS CONSTRUCTION
FIGURE 3-3:
DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION
Access Type
Access
Space
Program Space Address
<23>
<22:16>
<15>
<14:1>
<0>
Instruction Access
User
0
PC<22:1>
0
TBLRD/TBLWT
User
(TBLPAG<7> = 0)
TBLPAG<7:0>
Data EA<15:0>
TBLRD/TBLWT
Configuration
(TBLPAG<7> = 1)
TBLPAG<7:0>
Data EA<15:0>
Program Space Visibility
User
0
PSVPAG<7:0>
Data EA<14:0>
0
Program Counter
23 bits
1
PSVPAG Reg
8 bits
EA
15 bits
Program
Using
Select
TBLPAG Reg
8 bits
EA
16 bits
Using
Byte
24-bit EA
0
0
1/0
Select
User/
Configuration
Table
Instruction
Program
Space
Counter
Using
Space
Select
Visibility
Note:
Program space visibility cannot be used to access bits<23:16> of a word in program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com