Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 67 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 67 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 63Page - Microchip Technology 30F4013 Datasheet HTML 64Page - Microchip Technology 30F4013 Datasheet HTML 65Page - Microchip Technology 30F4013 Datasheet HTML 66Page - Microchip Technology 30F4013 Datasheet HTML 67Page - Microchip Technology 30F4013 Datasheet HTML 68Page - Microchip Technology 30F4013 Datasheet HTML 69Page - Microchip Technology 30F4013 Datasheet HTML 70Page - Microchip Technology 30F4013 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 67
dsPIC30F3014/4013
9.0
TIMER1 MODULE
This section describes the 16-bit general purpose
Timer1 module and associated operational modes.
Figure 9-1 depicts the simplified block diagram of the
16-bit Timer1 module.
The following sections provide a detailed description
including setup and control registers, along with
associated block diagrams for the operational modes of
the timers.
The Timer1 module is a 16-bit timer which can serve as
the time counter for the Real-Time Clock (RTC), or
operate as a free-running interval timer/counter. The
16-bit timer has the following modes:
• 16-bit Timer
• 16-bit Synchronous Counter
• 16-bit Asynchronous Counter
Further, the following operational characteristics are
supported:
• Timer gate operation
• Selectable prescaler settings
• Timer operation during CPU Idle and Sleep
modes
• Interrupt on 16-bit Period register match or falling
edge of external gate signal
These operating modes are determined by setting the
appropriate bit(s) in the 16-bit SFR, T1CON. Figure 9-1
presents a block diagram of the 16-bit timer module.
16-Bit Timer Mode: In the 16-Bit Timer mode, the
timer increments on every instruction cycle up to a
match value preloaded into the Period register, PR1,
then resets to ‘0’ and continues to count.
When the CPU goes into the Idle mode, the timer stops
incrementing unless the TSIDL (T1CON<13>) bit = 0.
If TSIDL = 1, the timer module logic resumes the incre-
menting sequence upon termination of the CPU Idle
mode.
16-Bit Synchronous Counter Mode: In the 16-Bit
Synchronous Counter mode, the timer increments on
the rising edge of the applied external clock signal
which is synchronized with the internal phase clocks.
The timer counts up to a match value preloaded in PR1,
then resets to ‘0’ and continues.
When the CPU goes into the Idle mode, the timer stops
incrementing unless the respective TSIDL bit = 0. If
TSIDL = 1, the timer module logic resumes the incre-
menting sequence upon termination of the CPU Idle
mode.
16-Bit Asynchronous Counter Mode: In the 16-Bit
Asynchronous Counter mode, the timer increments on
every rising edge of the applied external clock signal.
The timer counts up to a match value preloaded in PR1,
then resets to ‘0’ and continues.
When the timer is configured for the Asynchronous
mode of operation and the CPU goes into the Idle
mode, the timer stops incrementing if TSIDL = 1.
FIGURE 9-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
TON
Sync
SOSCI
SOSCO/
PR1
T1IF
Equal
Comparator x 16
TMR1
Reset
LPOSCEN
Event Flag
1
0
TSYNC
Q
QD
CK
TGATE
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
T1CK
1 x
0 1
0 0
Gate
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com