Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 25 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 25 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 21Page - Microchip Technology 30F4013 Datasheet HTML 22Page - Microchip Technology 30F4013 Datasheet HTML 23Page - Microchip Technology 30F4013 Datasheet HTML 24Page - Microchip Technology 30F4013 Datasheet HTML 25Page - Microchip Technology 30F4013 Datasheet HTML 26Page - Microchip Technology 30F4013 Datasheet HTML 27Page - Microchip Technology 30F4013 Datasheet HTML 28Page - Microchip Technology 30F4013 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 25
dsPIC30F3014/4013
3.0
MEMORY ORGANIZATION
3.1
Program Address Space
The program address space is 4M instruction words. It
is addressable by a 24-bit value from either the 23-bit
PC, table instruction Effective Address (EA) or data
space EA, when program space is mapped into data
space as defined by Table 3-1. Note that the program
space address is incremented by two between succes-
sive program words in order to provide compatibility
with data space addressing.
FIGURE 3-1:
dsPIC30F3014 PROGRAM
SPACE MEMORY MAP
User program space access is restricted to the lower
4M instruction word address range (0x000000 to
0x7FFFFE) for all accesses other than TBLRD/TBLWT,
which use TBLPAG<7> to determine user or configura-
tion space access. In Table 3-1, bit 23 allows access to
the Device ID, the User ID and the Configuration bits;
otherwise, bit 23 is always clear.
FIGURE 3-2:
dsPIC30F4013 PROGRAM
SPACE MEMORY MAP
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “16-bit MCU and DSC Pro-
grammer’s
Reference
Manual”
(DS70157).
Reset – Target Address
User Flash
Program Memory
(8K instructions)
Reset – GOTO Instruction
Alternate Vector Table
Reserved
Interrupt Vector Table
000000
00007E
000002
000080
Device Configuration
004000
003FFE
Data EEPROM
(1 Kbyte)
800000
F80000
Registers
F8000E
F80010
DEVID (2)
FEFFFE
FF0000
FF0002
Reserved
F7FFFE
Reserved
7FFC00
7FFBFE
(Read ‘0’s)
8005FE
800600
UNITID (32 instr.)
8005BE
8005C0
000004
Reserved
7FFFFE
Reserved
000100
0000FE
000084
Reset – Target Address
000000
00007E
000002
000080
Device Configuration
User Flash
Program Memory
008000
007FFE
Data EEPROM
(16K instructions)
(1 Kbyte)
800000
F80000
Registers
F8000E
F80010
DEVID (2)
FEFFFE
FF0000
FF0002
Reserved
F7FFFE
Reserved
7FFC00
7FFBFE
(Read ‘0’s)
8005FE
800600
UNITID (32 instr.)
8005BE
8005C0
Reset – GOTO Instruction
000004
Reserved
7FFFFE
Reserved
000100
0000FE
000084
Alternate Vector Table
Reserved
Interrupt Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com