Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 94 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 94 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 90Page - Microchip Technology 30F4013 Datasheet HTML 91Page - Microchip Technology 30F4013 Datasheet HTML 92Page - Microchip Technology 30F4013 Datasheet HTML 93Page - Microchip Technology 30F4013 Datasheet HTML 94Page - Microchip Technology 30F4013 Datasheet HTML 95Page - Microchip Technology 30F4013 Datasheet HTML 96Page - Microchip Technology 30F4013 Datasheet HTML 97Page - Microchip Technology 30F4013 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 94
 2010 Microchip Technology Inc.
14.4.2
10-BIT MODE SLAVE RECEPTION
Once addressed, the master can generate a Repeated
Start, reset the high byte of the address and set the
R_W bit without generating a Stop bit, thus initiating a
slave transmit operation.
14.5
Automatic Clock Stretch
In the Slave modes, the module can synchronize buffer
reads and write to the master device by clock stretching.
14.5.1
TRANSMIT CLOCK STRETCHING
Both 10-Bit and 7-Bit Transmit modes implement clock
stretching by asserting the SCLREL bit after the falling
edge of the ninth clock, if the TBF bit is cleared,
indicating the buffer is empty.
In Slave Transmit modes, clock stretching is always
performed irrespective of the STREN bit.
Clock synchronization takes place following the ninth
clock of the transmit sequence. If the device samples
an ACK on the falling edge of the ninth clock and if the
TBF bit is still clear, then the SCLREL bit is automati-
cally cleared. The SCLREL being cleared to ‘0’ asserts
the SCL line low. The user’s ISR must set the SCLREL
bit before transmission is allowed to continue. By hold-
ing the SCL line low, the user has time to service the
ISR and load the contents of the I2CTRN before the
master device can initiate another transmit sequence.
14.5.2
RECEIVE CLOCK STRETCHING
The STREN bit in the I2CCON register can be used to
enable clock stretching in Slave Receive mode. When
the STREN bit is set, the SCL pin is held low at the end
of each data receive sequence.
14.5.3
CLOCK STRETCHING DURING
7-BIT ADDRESSING (STREN = 1)
When the STREN bit is set in Slave Receive mode, the
SCL line is held low when the buffer register is full. The
method for stretching the SCL output is the same for
both 7 and 10-Bit Addressing modes.
Clock stretching takes place following the ninth clock of
the receive sequence. On the falling edge of the ninth
clock at the end of the ACK sequence, if the RBF bit is
set, the SCLREL bit is automatically cleared, forcing
the SCL output to be held low. The user’s ISR must set
the SCLREL bit before reception is allowed to continue.
By holding the SCL line low, the user has time to ser-
vice the ISR and read the contents of the I2CRCV
before the master device can initiate another receive
sequence.
This
prevents
buffer
overruns
from
occurring.
14.5.4
CLOCK STRETCHING DURING
10-BIT ADDRESSING (STREN = 1)
Clock stretching takes place automatically during the
addressing sequence. Because this module has a
register for the entire address, it is not necessary for
the protocol to wait for the address to be updated.
After the address phase is complete, clock stretching
occurs on each data receive or transmit sequence, as
described earlier.
14.6
Software Controlled Clock
Stretching (STREN = 1)
When the STREN bit is ‘1’, the SCLREL bit can be
cleared by software to allow software to control the
clock stretching. Program logic synchronizes writes to
the SCLREL bit with the SCL clock. Clearing the
SCLREL bit does not assert the SCL output until the
module detects a falling edge on the SCL output and
SCL is sampled low. If the SCLREL bit is cleared by the
user while the SCL line has been sampled low, the SCL
output is asserted (held low). The SCL output remains
low until the SCLREL bit is set and all other devices on
the I2C bus have deasserted SCL. This ensures that a
write to the SCLREL bit does not violate the minimum
high time requirement for SCL.
If the STREN bit is ‘0’, a software write to the SCLREL
bit is disregarded and has no effect on the SCLREL bit.
Note 1: If the user loads the contents of I2CTRN,
setting the TBF bit before the falling edge
of the ninth clock, the SCLREL bit is not
be cleared and clock stretching does not
occur.
2: The SCLREL bit can be set in software,
regardless of the state of the TBF bit.
Note 1: If the user reads the contents of the
I2CRCV, clearing the RBF bit before the
falling edge of the ninth clock, the
SCLREL bit is not cleared and clock
stretching does not occur.
2: The SCLREL bit can be set in software
regardless of the state of the RBF bit. The
user should be careful to clear the RBF
bit in the ISR before the next receive
sequence in order to prevent an overflow
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com