Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 30 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 30 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 26Page - Microchip Technology 30F4013 Datasheet HTML 27Page - Microchip Technology 30F4013 Datasheet HTML 28Page - Microchip Technology 30F4013 Datasheet HTML 29Page - Microchip Technology 30F4013 Datasheet HTML 30Page - Microchip Technology 30F4013 Datasheet HTML 31Page - Microchip Technology 30F4013 Datasheet HTML 32Page - Microchip Technology 30F4013 Datasheet HTML 33Page - Microchip Technology 30F4013 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 30
 2010 Microchip Technology Inc.
3.2
Data Address Space
The core has two data spaces. The data spaces can be
considered either separate (for some DSP instructions),
or as one unified linear address range (for MCU instruc-
tions). The data spaces are accessed using two Address
Generation Units (AGUs) and separate data paths.
3.2.1
DATA SPACE MEMORY MAP
The data space memory is split into two blocks, X and
Y data space. A key element of this architecture is that
Y space is a subset of X space, and is fully contained
within X space. In order to provide an apparent Linear
Addressing space, X and Y spaces have contiguous
addresses.
When executing any instruction other than one of
the MAC class of instructions, the X block consists of the
64-Kbyte data address space (including all Y addresses).
When executing one of the MAC class of instructions, the
X block consists of the 64-Kbyte data address space
excluding the Y address block (for data reads only). In
other words, all other instructions regard the entire data
memory as one composite address space. The MAC
class instructions extract the Y address space from data
space and address it using EAs sourced from W10 and
W11. The remaining X data space is addressed using W8
and W9. Both address spaces are concurrently accessed
only with the MAC class instructions.
The data space memory map is shown in Figure 3-7.
FIGURE 3-7:
dsPIC30F3014/dsPIC30F4013 DATA SPACE MEMORY MAP
0x0000
0x07FE
0x0BFE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0x0BFF
0xFFFF
0x8001
0x8000
Optionally
Mapped
into Program
Memory
0x0FFF
0x0FFE
0x1000
0x1001
0x0801
0x0800
0x0C01
0x0C00
Near
Data
0x1FFE
0x1FFF
2 Kbyte
SFR Space
2 Kbyte
SRAM Space
8 Kbyte
Space
X Data
Unimplemented (X)
SFR Space
X Data RAM (X)
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com