Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 81 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 81 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 77Page - Microchip Technology 30F4013 Datasheet HTML 78Page - Microchip Technology 30F4013 Datasheet HTML 79Page - Microchip Technology 30F4013 Datasheet HTML 80Page - Microchip Technology 30F4013 Datasheet HTML 81Page - Microchip Technology 30F4013 Datasheet HTML 82Page - Microchip Technology 30F4013 Datasheet HTML 83Page - Microchip Technology 30F4013 Datasheet HTML 84Page - Microchip Technology 30F4013 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 81
dsPIC30F3014/4013
12.0
INPUT CAPTURE MODULE
This section describes the input capture module and
associated operational modes. The features provided
by this module are useful in applications requiring fre-
quency (period) and pulse measurement. Figure 12-1
depicts a block diagram of the input capture module.
Input capture is useful for such modes as:
• Frequency/Period/Pulse Measurements
• Additional Sources of External Interrupts
The key operational features of the input capture
module are:
• Simple Capture Event mode
• Timer2 and Timer3 mode selection
• Interrupt on input capture event
These operating modes are determined by setting the
appropriate bits in the ICxCON register (where
x = 1,2,...,N). The dsPIC DSC devices contain up to 8
capture channels (i.e., the maximum value of N is 8).
The
dsPIC30F3014
device
contains
2
capture
channels while the dsPIC30F4013 device contains
4 capture channels.
12.1
Simple Capture Event Mode
The simple capture events in the dsPIC30F product
family are:
• Capture every falling edge
• Capture every rising edge
• Capture every 4th rising edge
• Capture every 16th rising edge
• Capture every rising and falling edge
These simple Input Capture modes are configured by
setting the appropriate bits, ICM<2:0> (ICxCON<2:0>).
12.1.1
CAPTURE PRESCALER
There are four input capture prescaler settings speci-
fied by bits, ICM<2:0> (ICxCON<2:0>). Whenever the
capture channel is turned off, the prescaler counter is
cleared. In addition, any Reset clears the prescaler
counter.
FIGURE 12-1:
INPUT CAPTURE MODE BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
ICxBUF
Prescaler
ICx pin
ICM<2:0>
Mode Select
3
Note:
Where ‘x’ is shown, reference is made to the registers or bits associated to the respective input capture
channels, 1 through N.
10
Set Flag
ICxIF
ICTMR
T2_CNT
T3_CNT
Edge
Detection
Logic
Clock
Synchronizer
1, 4, 16
From GP Timer Module
16
16
FIFO
R/W
Logic
ICI<1:0>
ICBNE, ICOV
ICxCON
Interrupt
Logic
Set Flag
ICxIF
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com